Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39105 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS39105
Description  1A Ultra Low LDO with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39105 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS39105 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39105 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS39105
1A Ultra Low LDO with Enable
6/7
Version: A08
TO-252-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX
= Output Voltage
(18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
TO-252-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
6.350
6.730
0.250
0.265
B
9.080
10.440
0.357
0.411
C
0.460
0.640
0.018
0.025
D
1.27BSC
0.05BSC
E
2.19
2.380
0.086
0.094
F
0.460
0.570
0.018
0.022
G
1.400
1.780
0.055
0.070
H
0.460
0.570
0.018
0.022
I
5.34
5.550
0.210
0.219
J
1.520
2.030
0.060
0.080


Similar Part No. - TS39105

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39105CP5 TSC-TS39105CP5 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39105

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39154 TSC-TS39154 Datasheet
350Kb / 7P
   1.5A Ultra Low LDO with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
logo
Taiwan Semiconductor Co...
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com