Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIE-556L3U Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIE-556L3U
Description  GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-556L3U Datasheet(HTML) 1 Page - Unity Opto Technology

  MIE-556L3U Datasheet HTML 1Page - Unity Opto Technology MIE-556L3U Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAlAs T-1 3/4 PACKAGE
INFRARED EMITTING DIODE
MIE-556L3U
Description
Package Dimensions
The MIE-556L3U is infrared emitting diodes in
GaAlAs technology molded in pastel blue
transparent package.
Features
l
Suitable for DC and high pulse current operation
l
Standard T-1 3/4 (
φ 5mm) package
l
Peak wavelength
λ
p = 880 nm
l
Good spectral matching to si-photodetector
l
Radiant angle : 50°
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
120
mW
Peak Forward Current(300pps,10
µs pulse)
1
A
Continuos Forward Current
100
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
11/18/2000
Unity Opto Technology Co., Ltd.
A
C
Unit: mm (inches)
2.54 NOM.
(.100)
7.62
(.300)
φ5.05
(.200)
1.0
(.040)
0.50 TYP.
(.020)
23.40 MIN.
(.920)
1.00MIN.
(.040)
FLAT DENOTES CATHODE
5.90
(.230)
5.47
(.215)
SEE NOTE 2
SEE NOTE 3
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.


Similar Part No. - MIE-556L3U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-556A2U UOT-MIE-556A2U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556A4U UOT-MIE-556A4U Datasheet
30Kb / 2P
   AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results

Similar Description - MIE-556L3U

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546L3U UOT-MIE-546L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554H4 UOT-MIE-554H4 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526L3U UOT-MIE-526L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536L3U UOT-MIE-536L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554L3 UOT-MIE-554L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com