Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPB-4910BLWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # XPB-4910BLWG
Description  1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPB-4910BLWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  XPB-4910BLWG Datasheet HTML 1Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 2Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 3Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 4Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 5Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 6Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 7Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 8Page - Optoway Technology Inc XPB-4910BLWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Optoway
XPB-4910LWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
2008/11/1
V1.0
3
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
8.5
Gps
TX Clock Tolerance
±
100
ppm
4
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
120
820
mVpp
5, Internally AC coupled
Output Data Rate
8.5
Gps
RX Clock Tolerance
±
100
ppm
4
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
340
850
mVpp
5, Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V
Reference Clock (LVPECL) Interface Specification
No reference clock
4. Clock tolerance for 8.5Gb/s, 4.25Gb/s, 2.12Gb/s, 1.063Gb/s and 1.25 Gb/s.
5. The differential input and output amplitudes are per XFP MSA mask at points B’ and C’.
Transceiver Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
TX_DIS Assert Time
t_off
10
μs
TX_DIS Negate Time
t_on
2
ms
Time to Initialize
t_init
300
ms
Interrupt Assert Delay
interrupt_on
200
ms
Interrupt Negate Delay
interrupt_off
500
μs
P_Down/PST Assert Delay
P_Down/RST_on
100
μs
P_Down Nagate Delay
P_Down/RST_off
300
ms
Mod_NR Assert Delay
Mod_nr_on
1
ms
Mod_NR Negate Delay
Mod_nr_off
1
ms
Mod_Desel Assert Time
T_Mod_Desel
2
ms
Mod_Desel De-Assert Time
T_Mod_Sel
2
ms
P_Down Reset Time
T_reset
10
μs
RX_LOS Assert Delay
T_Los_on
100
μs
RX_LOS Negate Delay
T_Los_off
100
μs
Serial ID Clock Rate
fSCL
0
400
kHz


Similar Part No. - XPB-4910BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4920BLWG OPTOWAY-XPB-4920BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940BLWG OPTOWAY-XPB-4940BLWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results

Similar Description - XPB-4910BLWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPB-4810LWG OPTOWAY-XPB-4810LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4840LWG OPTOWAY-XPB-4840LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4820LWG OPTOWAY-XPB-4820LWG Datasheet
287Kb / 9P
   1270 nm TX / 1330 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4920LWG OPTOWAY-XPB-4920LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-4940LWG OPTOWAY-XPB-4940LWG Datasheet
288Kb / 9P
   1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2840LWG OPTOWAY-XPB-2840LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2920LWG OPTOWAY-XPB-2920LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2940LWG OPTOWAY-XPB-2940LWG_09 Datasheet
241Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2810LWG OPTOWAY-XPB-2810LWG_09 Datasheet
240Kb / 9P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
XPB-2910LWG OPTOWAY-XPB-2910LWG Datasheet
287Kb / 9P
   1330 nm TX / 1270 nm RX , 10.3 Gbps 1-Fiber Single-Mode LC XFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com