Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC5988CTB0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC5988CTB0
Description  NPN Silicon Planar Medium Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5988CTB0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5988CTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5988CTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5988CTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5988CTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5988CTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSC5988
NPN Silicon Planar Medium Power Transistor
1/5
Version: C08
TO-92
PRODUCT SUMMARY
BVCBO
150V
BVCEO
60V
IC
6A
VCE(SAT)
0.55V @ IC / IB = 6A / 300mA
Features
Excellent gain characteristics specified up to 10A
Structure
Epitaxial Planar Type
Ordering Information
Part No.
Package
Packing
TSC5988CT B0
TO-92
1Kpcs / Bulk
TSC5988CT A3
TO-92
2Kpcs / Ammo
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
DC
5
Collector Current
Pulse
IC
20
A
Total Power Dissipation
Ptot
1.0
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC =100uA, IE =0
BVCBO
150
170
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IB =0
BVCEO
60
70
--
V
Emitter-Base Breakdown Voltage
IE =100uA, IC =0
BVEBO
6
8
--
V
VCB =120V, IE =0
--
--
50
nA
Collector Cutoff Current
VCB =120V, TA =100ºC
ICBO
--
--
1
uA
Emitter Cutoff Current
VEB =6V, IC =0
IEBO
--
--
10
nA
IC =100mA, IB =5mA
VCE(SAT) 1
--
20
50
IC =1A, IB =50mA
VCE(SAT) 2
--
80
120
IC =2A, IB =100mA
VCE(SAT) 3
--
150
220
Collector-Emitter Saturation Voltage
IC =5A, IB =200mA
VCE(SAT) 4
--
260
--
mV
Base-Emitter Saturation Voltage
IC =4A, IB =200mA
VBE(SAT)
--
920
1050
mV
Base-Emitter on Voltage
VCE =1V, IC =6A
VBE(ON)
--
1.05
1.2
V
VCE =1V, IC =10mA
hFE 1
100
--
--
VCE =1V, IC =2A
hFE 2
120
200
300
VCE =1V, IC =5A
hFE 3
75
140
--
DC Current Transfer Ratio
VCE =1V, IC =10A
hFE 4
--
70
--
Transition Frequency
VCE =10V, IC=100mA
fT
--
130
--
MHz
Output Capacitance
VCB =10V, f=1MHz
Cob
--
72
--
pF
Pin Definition:
1. Emitter
2. Base
3. Collector


Similar Part No. - TSC5988CTB0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC5988CTB0 TSC-TSC5988CTB0 Datasheet
156Kb / 5P
   NPN Silicon Planar Medium Power Transistor
More results

Similar Description - TSC5988CTB0

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3053 SEME-LAB-2N3053_02 Datasheet
41Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
   NPN Silicon Planar Medium Power Transistor
logo
Seme LAB
ZT91 SEME-LAB-ZT91_01 Datasheet
52Kb / 2P
   MEDIUM POWER SILICON NPN PLANAR TRANSISTOR
logo
Diodes Incorporated
ZTX449 DIODES-ZTX449_15 Datasheet
61Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com