Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPS-4140WG Datasheet(PDF) 6 Page - Optoway Technology Inc

Part # XPS-4140WG
Description  8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4140WG Datasheet(HTML) 6 Page - Optoway Technology Inc

  XPS-4140WG Datasheet HTML 1Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 2Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 3Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 4Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 5Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 6Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 7Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 8Page - Optoway Technology Inc XPS-4140WG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Optoway
XPS-4140WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2008/5/1
V1.0
6
Power down; When high, requires the module to limit power consumption to 1.5W or
below. 2-Wire serial interface must be functional in the low power mode.
21 LVTTL-I
P_Down/RST
Reset; The falling edge initiates a complete reset of the module including the 2-wire
serial interface, equivalent to a power cycle.
22
VCC2
+1.8V Power Supply (Not required)
3
23
GND
Module Ground
1
24 PECL-I
RefCLK+
Reference Clock Non-Inverted Input, AC coupled on the host board. (Not used.
Internally terminated to 50 ohm (100 ohm diff.))
4
25 PECL-I
RefCLK-
Reference Clock Inverted Input, AC coupled on the host board. (Not used. Internally
terminated to 50 ohm (100 ohm diff.))
4
26
GND
Module Ground
1
27
GND
Module Ground
1
28 CML-I
TD-
Transmitter Inverted Data Input
29 CML-I
TD+
Transmitter Non-Inverted Data Input
30
GND
Module Ground
1
1. Module ground pins GND are isolated from the module case and chassis ground within the module.
2. Shall be pulled up with 4.7K-10Kohms to a voltage between 3.15V and 3.45V on the host board.
3. These PINs are open within module.
4. A Reference Clock input is not required. If present, it will be ignored.
Mechanical Specification (Units in mm)


Similar Part No. - XPS-4140WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4102AWG OPTOWAY-XPS-4102AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102BWG OPTOWAY-XPS-4102BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110AWG OPTOWAY-XPS-4110AWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110BWG OPTOWAY-XPS-4110BWG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4140WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4120WG OPTOWAY-XPS-4120WG Datasheet
228Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4102WG OPTOWAY-XPS-4102WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
   8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
   8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4310W-CXX0G OPTOWAY-XPS-4310W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4340W-CXX0G OPTOWAY-XPS-4340W-CXX0G Datasheet
233Kb / 9P
   3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com