Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-1780 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-1780
Description  8-ch, 16-bit Counter/Timer Universal PCI Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-1780 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-1780 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
RoHS
COMPLIANT
2002/95/EC
8 independent 16-bit counters
8 programmable clock source
8 digital TTL outputs and 8 digital TTL inputs
Up to 20 MHz input frequency
Multiple counter clock source selectable
Counter output programmable
Counter gate function
Flexible interrupt source select
BoardID™ switch
PCI-1780U
8-ch, 16-bit Counter/Timer Universal
PCI Card
Specifications
Digital Input
Channels
8
Compatibility
5 V/TTL
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Interrupt Capable Ch. CH0
Digital Output
Channels
8
Compatibility
5 V/TTL
Output Voltage
Logic 0: 0.8 V
Logic 1: 2.0 V
Output Capability
Sink: 24 mA @ 0.8 V
Source: -15 mA @ 2.0 V
Counter/Timer
Channels
8 (independent)
Resolution
16 bits
Compatibility
5 V/TTL
Max. Input Frequency 20 MHz
Reference Clock
Internal: 20 MHz
External clock: 20 MHz max.
Counter Modes
12 (programmable)
Interrupt Capable Ch. 8
PWM Channels
8
Introduction
PCI-1780U is a general purpose multi-channel counter/timer card for the PCI bus. It targets the AM9513 to implement the counter/timer function by CPLD. It provides eight 16-bit
counter channels, 8 digital outputs and 8 digital inputs. Its powerful counter functions cater to a broad range of industrial and laboratory applications.
The card features 12 programmable counter modes, to provide one shot output, PWM output, periodic interrupt output, time-delay output, and to measure the frequency and the pulse
width. The PCL-10168 shielded cable works well with PCI-1780U to reduce noise. Its wires are all twisted pairs, and the input signals and output signals are separately shielded,
providing minimal cross talk between signals and the best protection against EMI/EMC problems.
General
Bus Type
Universal PCI V2.2
I/O Connectors
1 x 68-pin SCSI female connector
Dimensions (L x H)
175 x 100 mm (6.9" x 3.9")
Power Consumption
Typical: +5 V @ 900 mA
Max.: +5 V @ 1.2 A
Operating Temperature 0 ~ 60° C (32 ~ 140° F) (IEC 68-2-1, 2)
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
Storage Humidity
5 ~ 95 % RH, non-condensing (IEC 68-2-3)
Ordering Information
PCI-1780
8-ch, 16-bit Counter/Timer Universal PCI Card
PCL-10168-1
68-pin SCSI Shielded Cable, 1 m
PCL-10168-2
68-pin SCSI Shielded Cable, 2 m
ADAM-3968
68-pin DIN-rail SCSI Wiring Board


Similar Part No. - PCI-1780

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1780U ADVANTECH-PCI-1780U Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
More results

Similar Description - PCI-1780

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-1780U ADVANTECH-PCI-1780U_15 Datasheet
209Kb / 1P
   8-ch, 16-bit Counter/Timer Universal PCI Card
PCI-1760U ADVANTECH-PCI-1760U_15 Datasheet
183Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 8-ch Counter/Timer
PCI-1760U ADVANTECH-PCI-1760U Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCL-836 ADVANTECH-PCL-836 Datasheet
563Kb / 1P
   6-ch, 16-bit Counter/Timer ISA Card
PCI-1784U ADVANTECH-PCI-1784U_15 Datasheet
175Kb / 1P
   4-ch, 32-bit Encoder Counter Universal PCI Card with 8-ch Isolated Digital I/O
PCI-1706U ADVANTECH-PCI-1706U Datasheet
205Kb / 1P
   250 kS/s, 16-bit, Simultaneous 8-ch Universal PCI Multifunction Card
PCI-1741U ADVANTECH-PCI-1741U_15 Datasheet
206Kb / 1P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
PCI-1741U ADVANTECH-PCI-1741U Datasheet
748Kb / 2P
   200 kS/s, 16-bit, 16-ch Universal PCI Multifunction Card
logo
Megawin Technology Co.,...
MG87FE04 MEGAWIN-MG87FE04 Datasheet
1Mb / 61P
   Two 16-bit timer/counter
logo
Advantech Co., Ltd.
PCI-1735U ADVANTECH-PCI-1735U Datasheet
111Kb / 1P
   64-ch Digital I/O and Counter Universal PCI Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com