Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM414K34 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM414K34
Description  30V N-Channel MOSFET with Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM414K34 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM414K34 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM414K34 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM414K34 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM414K34 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
TSM414K34
30V N-Channel MOSFET with Schottky Diode
2/4
Version: Preliminary
MOSFET Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
30
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
1
1.4
3
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 24V, VGS = 0V
IDSS
--
--
1.0
µA
On-State Drain Current
a
VDS ≥ 5V, VGS = 10V
ID(ON)
30
--
--
A
VGS = 10V, ID = 4A
--
30
45
Drain-Source On-State Resistance
a
VGS = 4.5V, ID = 2A
RDS(ON)
--
40
55
Forward Transconductance
a
VDS = 5V, ID = 4A
gfs
--
20
--
S
Diode Forward Voltage
IS = 4A, VGS = 0V
VSD
--
1
1.2
V
Dynamic
b
Total Gate Charge
Qg
--
13
--
Gate-Source Charge
Qgs
--
4.2
--
Gate-Drain Charge
VDS = 15V, ID = 4A,
VGS = 10V
Qgd
--
3.1
--
nC
Input Capacitance
Ciss
--
610
--
Output Capacitance
Coss
--
100
--
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Crss
--
77
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
9.1
--
Turn-On Rise Time
tr
--
16.5
--
Turn-Off Delay Time
td(off)
--
23
--
Turn-Off Fall Time
VDD = 15V, RL = 15Ω,
ID = 1A, VGEN = 10V,
RG = 6Ω
tf
--
3.5
--
nS
Schottky Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage Drop
IF = 3A
VFM
--
--
0.51
V
VR = 30V, Ta = 25
oC
--
--
0.05
Reverse Leakage Current
VR = 30V, Ta = 100
oC
IR
--
--
18
mA
Voltage Rate of Charge
VR = 30V
dv/dt
--
10000
--
V/us
Notes:
a. Pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Similar Part No. - TSM414K34

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TSM4 VISHAY-TSM4 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TSM4 VISHAY-TSM4 Datasheet
110Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Aug-13
TSM4 VISHAY-TSM4 Datasheet
125Kb / 5P
   5 mm Square Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 12-Jan-17
logo
Taiwan Semiconductor Co...
TSM40N03PQ33 TSC-TSM40N03PQ33 Datasheet
107Kb / 4P
   30V N-Channel Power MOSFET
More results

Similar Description - TSM414K34

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4914 AOSMD-AO4914_11 Datasheet
655Kb / 9P
   30V Dual N-Channel MOSFET with Schottky Diode
logo
Diodes Incorporated
DMG7702SFG DIODES-DMG7702SFG Datasheet
185Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE
DMG7702SFG DIODES-DMG7702SFG_15 Datasheet
185Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
DMS3012SFG DIODES-DMS3012SFG_15 Datasheet
270Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET WITH SCHOTTKY DIODE POWERDI짰
logo
Advanced Power Electron...
AP3N2R8MT A-POWER-AP3N2R8MT Datasheet
71Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
AP3N3R3MT A-POWER-AP3N3R3MT Datasheet
72Kb / 6P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
Fairchild Semiconductor
FDFS6N303 FAIRCHILD-FDFS6N303_03 Datasheet
68Kb / 5P
   N-Channel MOSFET with Schottky Diode
FDFS6N303 FAIRCHILD-FDFS6N303 Datasheet
96Kb / 5P
   N-Channel MOSFET with Schottky Diode
logo
Advanced Power Electron...
AP6924GEY A-POWER-AP6924GEY Datasheet
77Kb / 4P
   N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Technology Corporat...
ELM16706EA-S ELM-TECH-ELM16706EA-S Datasheet
124Kb / 5P
   Single N-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com