Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM802CQRV Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSM802CQRV
Description  20V N-Channel MOSFET w/ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM802CQRV Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSM802CQRV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM802CQRV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM802CQRV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM802CQRV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM802CQRV Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM802CQRV Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TSM802
20V N-Channel MOSFET w/ESD Protected
3/6
Version: D08
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage


Similar Part No. - TSM802CQRV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM80N08 TSC-TSM80N08 Datasheet
68Kb / 4P
   75V N-Channel Power MOSFET
TSM80N08CZC0 TSC-TSM80N08CZC0 Datasheet
392Kb / 6P
   75V N-Channel Power MOSFET
TSM80N08_1307 TSC-TSM80N08_1307 Datasheet
392Kb / 6P
   75V N-Channel Power MOSFET
TSM80N1R2 TSC-TSM80N1R2 Datasheet
697Kb / 8P
   N-Channel Power MOSFET
TSM80N1R2CI TSC-TSM80N1R2CI Datasheet
618Kb / 7P
   N-Channel Power MOSFET
More results

Similar Description - TSM802CQRV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3461CX5 TSC-TSM3461CX5 Datasheet
174Kb / 5P
   20V N-Channel MOSFET w/ESD Protected
TSM7401 TSC-TSM7401_1 Datasheet
354Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_08 Datasheet
127Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM3461 TSC-TSM3461 Datasheet
174Kb / 5P
   20V N-Channel MOSFET w/ESD Protected
TSM7401 TSC-TSM7401 Datasheet
175Kb / 5P
   20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460_07 Datasheet
353Kb / 6P
   20V N-Channel MOSFET w/ESD Protected
TSM3460 TSC-TSM3460 Datasheet
174Kb / 5P
   20V N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com