Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM4886 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4886
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4886 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM4886_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4886_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4886_09 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4886_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4886_09 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4886_09 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM4886
30V N-Channel MOSFET
5/6
Version: B09
SOP-8 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TSM4886_09

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM4886CS DOINGTER-TSM4886CS Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Taiwan Semiconductor Co...
TSM4886CSRL TSC-TSM4886CSRL Datasheet
190Kb / 4P
   30V N-Channel MOSFET
More results

Similar Description - TSM4886_09

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com