Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3542 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3542
Description  Complete Single-Conversion Television Tuner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3542 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3542 Datasheet HTML 1Page - Maxim Integrated Products MAX3542 Datasheet HTML 2Page - Maxim Integrated Products MAX3542 Datasheet HTML 3Page - Maxim Integrated Products MAX3542 Datasheet HTML 4Page - Maxim Integrated Products MAX3542 Datasheet HTML 5Page - Maxim Integrated Products MAX3542 Datasheet HTML 6Page - Maxim Integrated Products MAX3542 Datasheet HTML 7Page - Maxim Integrated Products MAX3542 Datasheet HTML 8Page - Maxim Integrated Products MAX3542 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Complete Single-Conversion
Television Tuner
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX3542 EV kit, VCC = +3.1V to +3.5V, TA = 0°C to +70°C, 75Ω system impedance, default register settings, VRFAGC = VIFAGC =
+3V (minimum attenuation), unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum gain setting
(VIFAGC = 3V)
54
59
63
Passband Voltage Gain
Source load =
1.1k
Ω,
output load = 1k
Ω
Minimum gain setting
(VIFAGC = 0.5V)
21
dB
Passband Gain Flatness
32MHz to 40MHz (Note 2)
1.2
dB
Output Voltage
VIFAGC = 3V (Note 2)
2.5
VP-P
AGC Gain Slope
VIFAGC = 3V to 0.5V (Note 2)
27
dB/V
Equivalent Input-Voltage Noise Density
At 36MHz, maximum gain (VIFAGC = 3V)
(Note 2)
7.3
nV/
√Hz
Noise Figure Change vs. Attenuation
< 0.35
dB/dB
IM3
VOUT = 1VP-P, 40dB < gain < 60dB (Note 2)
-56
dBc
IF OVERLOAD DETECTOR (See the IF Overload Detector Section)
Output Overload Attack Point
0.7
VP-P
Attack Point Accuracy
OD REG = 3
±1
dB
Detector Output-Voltage Range
Negative polarity, overload reduces VDET
(open collector, 0.3mA sink)
0.5
3.0
V
Detector Gain
70
V/V
FREQUENCY SYNTHESIZER—REFERENCE OSCILLATOR
Frequency
8
MHz
DIVIDERS
RF N-Divider Ratio
256
32,767
RF R-Divider Ratio
16
127
LO PHASE DETECTOR AND CHARGE PUMP
Comparison Frequency
63
500
kHz
CP = 00
0.5
CP = 01
1
CP = 10
1.5
Charge-Pump Current
CP = 11
2
mA
Charge-Pump Three-State Current
±5
nA
Charge-Pump Compliance Range
0.4
VCC -
0.4
V
Charge-Pump Current Matching
5%
LOCAL OSCILLATOR
VCO Tuning Range
Tank frequency
2200
4400
MHz
VCO Tuning Gain
Tank oscillator gain
500
MHz/V
2-WIRE SERIAL INTERFACE
Clock Frequency
400
kHz
Note 1: Min/max values are production tested at TA = +70°C.
Note 2: Guaranteed by design and characterization.


Similar Part No. - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542 MAXIM-MAX3542 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542 MAXIM-MAX3542 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX3542CLM MAXIM-MAX3542CLM Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542EVKIT MAXIM-MAX3542EVKIT Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
More results

Similar Description - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
   Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com