Electronic Components Datasheet Search |
|
MAX7060 Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX7060 Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 30 page 6 ______________________________________________________________________________________ 280MHz to 450MHz Programmable ASK/FSK Transmitter AC ELECTRICAL CHARACTERISTICS (3V OPERATION) (Typical Application Circuit, 50I system impedance, tuned for 315MHz to 434MHz operation. VDD5 = VGPOVDD = VAVDD = VDVDD = VPAVDD = 2.1V to 3.6V, fRF = 280MHz to 450MHz, fXTAL = 15MHz to 16MHz, TA = -40NC to +125NC, unless oth- erwise noted. Typical values are at VDD5 = VGPOVDD = VAVDD = VDVDD = VPAVDD = 2.7V, TA = +25NC, PA matched for optimum output power, unless otherwise noted. All min and max values are 100% tested at TA = +125NC and guaranteed by design and characterization over temperature, unless otherwise noted.) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS GENERAL CHARACTERISTICS Frequency Range 280 450 MHz Power-On Time tON ENABLE low-to-high transition, frequency settled to within 50kHz of the desired car- rier (includes time for VPAVOUT to settle) 120 F s ENABLE low-to-high transition, frequency settled to within 5kHz of the desired carrier (includes time for VPAVOUT to settle) 200 Maximum Data Rate (PApwr = 0x19) ASK mode (no shaping) Manchester encoded 50 kbps Nonreturn to zero 100 FSK mode Manchester encoded 70 Nonreturn to zero 140 Carrier-Frequency Switching Time Time from end of SPI write or change of FREQ0, FREQ1, or FREQ2 pins, to frequency settled to within 5kHz of desired carrier 60 F s PLL VCO Gain KVCO 340 MHz/V PLL Phase Noise fRF = 315MHz 10kHz offset -78 dBc/Hz 1MHz offset -97 fRF = 433.92MHz 10kHz offset -74 1MHz offset -97 Loop Bandwidth 300 kHz Reference Frequency Input Level 500 mVP-P Frequency Divider Range 19 28 CRYSTAL OSCILLATOR Frequency Deviation (FSK) Q 2 Q 100 kHz Crystal Frequency fXTAL 15 to 16 MHz Frequency Pulling by Power Supply 4 ppm/V Crystal Load Capacitance (Note 3) 10 pF POWER AMPLIFIER Output Transmit Power (Note1) POUT VPAVDD = 2.1V, PApwr = 0x1E +10 dBm VPAVDD = 3.6V, PApwr = 0x1E +15 PApwr = 0x00 -14.5 Power-Control Step Size 0.95 dB Modulation Depth (Note 1) 70 dB |
Similar Part No. - MAX7060 |
|
Similar Description - MAX7060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |