Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7060ATG+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7060ATG+
Description  280MHz to 450MHz Programmable ASK/FSK Transmitter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7060ATG+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7060ATG+ Datasheet HTML 7Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 8Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 9Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 10Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 11Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 12Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 13Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 14Page - Maxim Integrated Products MAX7060ATG+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
______________________________________________________________________________________ 11
280MHz to 450MHz Programmable
ASK/FSK Transmitter
Pin Configuration/Functional Diagram
Typical Operating Characteristics (continued)
(Typical Application Circuit, 50I system impedance, VDD5 = VGPOVDD = VAVDD = VDVDD = VPAVDD = 2.1V to 3.6V, fRF = 280MHz to
450MHz, fXTAL = 16MHz, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VDD5 = VGPOVDD = VAVDD = VDVDD
= VPAVDD = 2.7V, TA = +25NC, PA matched for optimum output power, unless otherwise noted. Supply current and output power are
greatly dependent on board layout and PAOUT match.)
FSK SPECTRUM (fRF = 315MHz, +25°C, VDD = 2.7V,
PA CODE = 0x19 ±50kHz DEVIATION,
4kHz SQUARE WAVE ON DIN)
fRF (MHz)
315.3
315.1
314.9
314.7
-20
-10
0
10
20
-30
314.5
315.5
RBW = 10kHz
VBW = 10kHz
REFERENCE SPUR MAGNITUDE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
5.1
4.9
4.7
-46
-44
-42
-40
-48
4.5
5.5
433.92MHz
315MHz
5V MODE
TQFN
19
20
21
22
1
2
3
4
5
6
18
17
16
15
14
13
23
24
12
11
10
9
8
7
CS_DEV
SCLK_PWR0
SDI_PWR1
ENABLE
N.C.
DIN
ROUT
PAOUT
PAVDD
N.C.
FREQ2
LSHDN
CRYSTAL OSCILLATOR
SERIAL
INTERFACE,
CONFIGURATION,
AND CONTROL
3
5
PFD
FREQUENCY
DIVIDER
Σ∆
MODULATOR
CHARGE
PUMP
LOOP
FILTER
VOLTAGE
REGULATOR
PULSE
SHAPING
PA POWER CONTROL
EXPOSED PAD
GND
ASK DATA
/K
VCO
PA
+
MAX7060


Similar Part No. - MAX7060ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7060ATG++ MAXIM-MAX7060ATG+ Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
More results

Similar Description - MAX7060ATG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
   FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
   FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com