Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7060ATGV+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7060ATGV+
Description  280MHz to 450MHz Programmable ASK/FSK Transmitter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7060ATGV+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7060ATGV+ Datasheet HTML 1Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 2Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 3Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 4Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 5Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 6Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 7Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 8Page - Maxim Integrated Products MAX7060ATGV+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4 ______________________________________________________________________________________
280MHz to 450MHz Programmable
ASK/FSK Transmitter
DC ELECTRICAL CHARACTERISTICS (3V OPERATION) (continued)
(Typical Application Circuit, 50I system impedance, tuned for 315MHz to 434MHz operation. VDD5 = VGPOVDD = VAVDD =
VDVDD = VPAVDD = 2.1V to 3.6V, fRF = 280MHz to 450MHz, fXTAL = 15MHz to 16MHz, TA = -40NC to +125NC, unless oth-
erwise noted. Typical values are at VDD5 = VGPOVDD = VAVDD = VDVDD = VPAVDD = 2.7V, TA = +25NC, PA matched for
optimum output power, unless otherwise noted. All min and max values are 100% tested at TA = +125NC and guaranteed by design
and characterization over temperature, unless otherwise noted.)
AC ELECTRICAL CHARACTERISTICS (5V OPERATION)
(Typical Application Circuit, 50I system impedance, tuned for 315MHz to 434MHz operation, VDD5 = VGPOVDD = 4.5V to 5.5V, fRF =
280MHz to 450MHz, fXTAL = 15MHz to 16MHz, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VDD5 = VGPOVDD
= +5V, TA = +25NC, PA matched for optimum output power, unless otherwise noted. All min and max values are 100% tested at TA
= +125NC and guaranteed by design and characterization over temperature, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL I/O
Input High Threshold
VIH
0.9 x
VDVDD
V
Input Low Threshold
VIL
0.1 x
VDVDD
V
Input Pulldown Sink Current
IIH
5
F
A
Input Pullup Source Current
IIL
1.3
F
A
Output-Voltage High
VOH
ISINK = 100FA (GPO1 and GPO2_MOD,
gp1bst bit = 0)
VGPOVDD
- 0.10
V
ISINK = 200FA (GPO1) boost = on
(gp1bst bit = 1)
VGPOVDD
- 0.14
Output-Voltage Low
VOL
ISOURCE = 100FA (GPO1 and
GPO2_MOD, gp1bst bit = 0)
0.10
V
ISOURCE = 200FA (GPO1) boost = on
(gp1bst bit = 1)
0.14
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Frequency Range
280
450
MHz
Power-On Time
tON
ENABLE low-to-high transition, frequency
settled to within 50kHz of the desired
carrier (includes time for VPAVOUT to settle)
130
F
s
ENABLE low-to-high transition, frequency
settled to within 5kHz of the desired carrier
(includes time for VPAVOUT to settle)
185
Maximum Data Rate
(PApwr = 0x1E)
ASK mode
(no shaping)
Manchester encoded
50
kbps
Nonreturn to zero
100
FSK mode
Manchester encoded
70
Nonreturn to zero
140


Similar Part No. - MAX7060ATGV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7060ATG++ MAXIM-MAX7060ATG+ Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7060ATG/V++ MAXIM-MAX7060ATG/V+ Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
More results

Similar Description - MAX7060ATGV+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
   280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
   300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
   FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
   FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com