Electronic Components Datasheet Search |
|
MAX8888EZK15+T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX8888EZK15+T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 9 page Low-Dropout, 300mA Linear Regulators in SOT23 _______________________________________________________________________________________ 3 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS SHUTDOWN Shutdown Supply Current SHDN = GND, VIN = 5.5V 0.1 2 µA VIH 2.5V ≤ VIN ≤ 5.5V 1.6 SHDN Input Threshold VIL 2.5V ≤ VIN ≤ 5.5V 0.6 V SHDN Input Bias Current SHDN = IN or GND 10 100 nA OUT Discharge Resistance in Shutdown SHDN = GND 650 1100 Ω POK (MAX8888 ONLY) POK Trip Level, Referred to OUT Set Point VOUT falling (1% typical hysteresis) 90 92.5 95 % Operating IN Voltage Range for Valid POK 1.0 5.5 V POK Output Voltage Low VOL ISINK = 1mA 0.1 V POK Output Leakage Current VPOK = 5.5V, SHDN = IN 100 nA THERMAL PROTECTION Thermal Shutdown Temperature 170 °C Thermal Shutdown Hysteresis 20 °C ELECTRICAL CHARACTERISTICS (continued) (VIN = VOUT + 1V, SHDN = IN, TA = -40°C to +85°C, unless otherwise noted.) (Note 1) Note 1: All parts are 100% tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design. Note 2: Typical and maximum dropout voltage for different output voltages are shown in the Typical Operating Characteristics curves. Typical Operating Characteristics ( Typical Operating Circuit, TA = +25°C, unless otherwise noted.) 0 1.0 0.5 2.0 1.5 3.0 2.5 3.5 2.0 3.0 3.5 2.5 4.0 4.5 5.0 5.5 OUTPUT VOLTAGE vs. INPUT VOLTAGE INPUT VOLTAGE (V) IOUT = 0 IOUT = 300mA -1.0 -0.6 -0.8 0.0 -0.2 -0.4 0.2 0.4 0.8 0.6 1.0 100 50 150 200 250 300 OUTPUT VOLTAGE ACCURACY vs. LOAD CURRENT LOAD CURRENT (mA) 0 -0.05 -0.02 -0.03 -0.04 -0.01 0.0 0.01 0.02 0.03 0.04 0.05 -40 10 -15 35 60 85 OUTPUT VOLTAGE ACCURACY vs. TEMPERATURE TEMPERATURE (°C) IOUT = 0 VIN = VOUT + 500mV |
Similar Part No. - MAX8888EZK15+T |
|
Similar Description - MAX8888EZK15+T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |