Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8887 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8887
Description  Low-Dropout, 300mA Linear Regulators in SOT23
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8887 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8887 Datasheet HTML 1Page - Maxim Integrated Products MAX8887 Datasheet HTML 2Page - Maxim Integrated Products MAX8887 Datasheet HTML 3Page - Maxim Integrated Products MAX8887 Datasheet HTML 4Page - Maxim Integrated Products MAX8887 Datasheet HTML 5Page - Maxim Integrated Products MAX8887 Datasheet HTML 6Page - Maxim Integrated Products MAX8887 Datasheet HTML 7Page - Maxim Integrated Products MAX8887 Datasheet HTML 8Page - Maxim Integrated Products MAX8887 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX8887/MAX8888 low-dropout linear regulators
operate from a 2.5V to 5.5V input and deliver up to
300mA continuous (500mA pulsed) current. The
MAX8887 is optimized for low-noise operation, while the
MAX8888 includes an open-drain power-OK (POK) ouput
flag. Both regulators feature exceptionally low 100mV
dropout at 200mA. These devices are available in a vari-
ety of preset output voltages in the 1.5V to 3.3V range.
An internal PMOS pass transistor allows the low 55µA
supply current to remain independent of load, making
these devices ideal for portable battery-powered equip-
ment such as personal digital assistants (PDAs), cellu-
lar phones, cordless phones, and notebook computers.
Other features include a micropower shutdown mode,
short-circuit protection, thermal shutdown protection,
and an active-low open-drain POK output that indicates
when
the
output
is
out
of
regulation.
The
MAX8887/MAX8888 are available in a thin 5-pin SOT23
package that is only 1mm high.
________________________Applications
Notebook Computers
Wireless Handsets
PDAs and Palmtop Computers
Digital Cameras
PCMCIA Cards
Hand-Held Instruments
Features
♦ Guaranteed 300mA Output Current (500mA for
Pulsed Loads)
♦ Low 100mV Dropout at 200mA Load
♦ POK Output (MAX8888)
♦ 42µVRMS Output Noise (MAX8887)
♦ Preset Output Voltages (1.5V, 1.8V, 2.85V, and
3.3V)
♦ 55µA No-Load Supply Current
♦ Thermal-Overload and Short-Circuit Protection
♦ Foldback Output Current-Limit Protection
♦ 60dB PSRR at 1kHz
♦ 0.1µA Shutdown Current
♦ Thin 5-Pin SOT23 Package, 1mm High
Low-Dropout, 300mA Linear Regulators in SOT23
________________________________________________________________
Maxim Integrated Products
1
GND
BP
SHDN
15
OUT
IN
MAX8887
TOP VIEW
2
34
GND
POK
SHDN
15
OUT
IN
MAX8888
2
34
Pin Configurations
MAX8887
MAX8888
ON
OFF
INPUT
2.5V TO 5.5V
IN
SHDN
GND
(BP)
POK
OUT
VOUT
300mA
CIN
2.2µF
COUT
2.2µF
CBP
0.01µF
( ) ARE FOR MAX8887 ONLY.
Typical Operating Circuit
19-1859; Rev 4; 7/09
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX8887EZK15+T
-40°C to +85°C 5 SOT23
ADQD
MAX8887EZK18+T
-40°C to +85°C 5 SOT23
ADPX
MAX8887EZK29+T
-40°C to +85°C 5 SOT23
ADPY
MAX8887EZK33+T
-40°C to +85°C 5 SOT23
ADPZ
MAX8887EZKxy+T*
-40°C to +85°C 5 SOT23
MAX8888EZK15+T
-40°C to +85°C 5 SOT23
ADQE
MAX8888EZK18+T
-40°C to +85°C 5 SOT23
ADQA
MAX8888EZK18/V+T
-40°C to +85°C 5 SOT23
MAX8888EZK29+T
-40°C to +85°C 5 SOT23
ADQB
MAX8888EZK33+T
-40°C to +85°C 5 SOT23
ADQC
MAX8888EZKxy+T*
-40°C to +85°C 5 SOT23
*
Other versions (xy) between +1.5 and +3.3V are available in
100mV increments. Contact factory for other versions. Minimum
order quantity is 25,000 units.
+
Denotes a lead(Pb)-free RoHS-compliant package.
/V denotes an automotive qualified port.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX8887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
MAX8887EZK15 MAXIM-MAX8887EZK15 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
MAX8887EZK15-T MAXIM-MAX8887EZK15-T Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887EZK15T MAXIM-MAX8887EZK15T Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
More results

Similar Description - MAX8887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8887 MAXIM-MAX8887 Datasheet
221Kb / 8P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 2; 6/04
MAX8887 MAXIM-MAX8887_06 Datasheet
253Kb / 9P
   Low-Dropout, 300mA Linear Regulators in SOT23
Rev 3; 11/06
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
   300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
   300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131 Datasheet
264Kb / 10P
   300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
G9131 GMT-G9131_15 Datasheet
50Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com