Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM6970DCARV Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6970DCARV
Description  20V Dual N-Channel MOSFET w/ESD Protected
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6970DCARV Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM6970DCARV Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6970DCARV Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6970DCARV Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6970DCARV Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
TSM6970D
20V Dual N-Channel MOSFET w/ESD Protected
1/4
Version: Preliminary
TSSOP-8
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
ESD Protect 2KV
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM6970DCA RV
TSSOP-8
3Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current, VGS @4.5V
ID
8
A
Pulsed Drain Current, VGS @4.5V
IDM
30
A
Continuous Source Current (Diode Conduction)
a,b
IS
2.5
A
Ta = 25
oC
2
Maximum Power Dissipation
Ta = 70
oC
PD
1.28
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
62.5
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
21 @ VGS = 4.5V
8
25 @ VGS = 2.5V
7
20
33 @ VGS = 1.8V
6
Block Diagram
Dual N-Channel MOSFET
Pin Definition:
1. Drain 1
8. Drain 2
2. Source 1
7. Source 2
3. Source 1
6. Source 2
4. Gate 1
5. Gate 2


Similar Part No. - TSM6970DCARV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6963SD TSC-TSM6963SD Datasheet
453Kb / 6P
   20V Dual P-Channel MOSFET
TSM6963SDCARV TSC-TSM6963SDCARV Datasheet
453Kb / 6P
   20V Dual P-Channel MOSFET
TSM6963SDCARV TSC-TSM6963SDCARV Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM6963SDCARVG TSC-TSM6963SDCARVG Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM6970DCARV

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7311D TSC-TSM7311D_07 Datasheet
354Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7900D TSC-TSM7900D_10 Datasheet
234Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD Datasheet
174Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6866D TSC-TSM6866D Datasheet
154Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM9426D TSC-TSM9426D Datasheet
151Kb / 4P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968SD TSC-TSM6968SD_08 Datasheet
506Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6988D TSC-TSM6988D_08 Datasheet
491Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D Datasheet
175Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM6968D TSC-TSM6968D_07 Datasheet
371Kb / 6P
   20V Dual N-Channel MOSFET w/ESD Protected
TSM7311D TSC-TSM7311D Datasheet
176Kb / 5P
   20V Dual N-Channel MOSFET w/ESD Protected
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com