Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM9409 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9409
Description  60V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9409 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9409 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9409 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM9409
60V P-Channel MOSFET
1/6
Version: A08
SOP-8
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM9409CS RF
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-3.5
A
Pulsed Drain Current
IDM
-30
A
Continuous Source Current (Diode Conduction)
a,b
IS
-2.5
A
Ta = 25
oC
3.0
Maximum Power Dissipation
Ta = 70
oC
PD
2.1
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
50
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
155 @ VGS = -10V
-3.5
-60
200 @ VGS = 4.5V
-3.1
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM9409

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM9409CS VBSEMI-TSM9409CS Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM9409CS DOINGTER-TSM9409CS Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
TSM9409CSRL VBSEMI-TSM9409CSRL Datasheet
1Mb / 9P
   P-Channel 60 V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM9409CSRLG TSC-TSM9409CSRLG Datasheet
213Kb / 6P
   60V P-Channel MOSFET
TSM9409 TSC-TSM9409_13 Datasheet
213Kb / 6P
   60V P-Channel MOSFET
More results

Similar Description - TSM9409

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com