Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIT-1702-CRC0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PIT-1702-CRC0E
Description  Patient Infotainment Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PIT-1702-CRC0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PIT-1702-CRC0E Datasheet HTML 1Page - Advantech Co., Ltd. PIT-1702-CRC0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
57
Dimensions
Unit: mm
PIT-1702
Ordering Information
Part Number
Discription
Celeron M Platform
PIT-1702-CST0E
17", Intel 945 Celeron M 1.06 G, 1 G SDRAM, 80 G HDD
PIT-1702-CTV0E
PIT-1702-CST0E+TV tuner
PIT-1702-CHT0E
PIT-1702-CST0E+Handset
PIT-1702-CRC0E
PIT-1702-CST0E+wired remote controller (6 keys)
Core2 Duo Platform
PIT-1702-UST0E
17", Intel 945 Core2 Duo 1.06 G,1 G SDRAM, 80 G HDD
PIT-1702-UTV0E
PIT-1702-UST0E+TV tuner
PIT-1702-UHT0E
PIT-1702-UST0E+Hansdet
PIT-1702-URC0E
PIT-1702-UST0E+wired remote controller (6 Keys)
Packing List
Description
Quantity
CD Utility
1
AC/DC Power Adapter
1
User Manual
1
Specifications
Accessories
Part Number
Description
PIT-1702-HSKE
Handset
PIT-1702-RCKE
Wired remote controller (6 keys)
Bottom I/O Placement
Options
TV Tuner
1 (Anlalog & DVBT)
Handset
1
Remote Controller
6 keys
Power Supply
AC/DC Adapter
Input Voltage
100 ~ 240 VAC, 1.1 ~ 0.45 A @ 47~ 63 Hz
Output Voltage
+18 VDC, 4.44 A max
Environment
Operating Temperature
0 ~ 40° C
Certifications
CE, FCC, CCC, CB, UL, EN 60601-1 approved
Rear I/O placement
HANDSET CONN
REMOTE CONTROL CONN
SMART CARD
MIC
USB
LINE OUT
MIC IN
POWER BUTTON
2-P
LAN
USB
DC IN
448,00
73,50


Similar Part No. - PIT-1702-CRC0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1702-CST0E ADVANTECH-PIT-1702-CST0E Datasheet
664Kb / 2P
   Patient Infotainment Terminal
More results

Similar Description - PIT-1702-CRC0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PIT-1702-HSKE ADVANTECH-PIT-1702-HSKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1702-RCKE ADVANTECH-PIT-1702-RCKE Datasheet
664Kb / 2P
   Patient Infotainment Terminal
PIT-1501W-RCKE ADVANTECH-PIT-1501W-RCKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
PIT-1501W-HSKE ADVANTECH-PIT-1501W-HSKE Datasheet
572Kb / 2P
   Patient Infotainment Terminal
PIT-1502W ADVANTECH-PIT-1502W Datasheet
968Kb / 2P
   15.6' Patient Infotainment Terminal with Intel Atom D510 Processors
logo
AVAGO TECHNOLOGIES LIMI...
ACNT-H61L AVAGO-ACNT-H61L Datasheet
116Kb / 2P
   Medical imaging and patient monitoring
logo
Advantech Co., Ltd.
RTLS-B7-TAG ADVANTECH-RTLS-B7-TAG Datasheet
264Kb / 1P
   RTLS tag for patient/staff locating
19-May-2022
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
Advantech Co., Ltd.
HIT-W121 ADVANTECH-HIT-W121 Datasheet
943Kb / 2P
   11.6' Healthcare/Hospitality Infotainment Terminal with Intel Atom N450/D510 Processors
HIT-W121-HSKE ADVANTECH-HIT-W121-HSKE Datasheet
943Kb / 2P
   11.6 Healthcare/Hospitality Infotainment Terminal with Intel짰 Atom??N450/D510 Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com