Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVS-640-SE16-A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PVS-640-SE16-A1E
Description  Advanced Industrial DVR System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PVS-640-SE16-A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PVS-640-SE16-A1E Datasheet HTML 1Page - Advantech Co., Ltd. PVS-640-SE16-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
All product specifications are subject to change without notice
Last updated : 7-Feb-2007
PVS-640E Series
Advanced Industrial
DVR System
 8/16/24-channel video input
 MPEG-4 software compression/ H.264 (MPEG4-Part10) Hardware
compression
 Resolution: CIF/half D1/Full D1
 Up to full D1 resolution in display and recording mode with half the number
of channels (hardware compression)
 Embedded system design for the highest stability
 Multiple backup options: external USB HD/CD-RW/DVD-RW
 Multiple remote surveillance and control functions
 Industrial-grade system platform with high efficiency cooling fan system
Introduction
PVS-640E series is the advanced industrial-grade digital video surveillance system designed to meet the requirements of modern security markets. PVS-640E series uses MJPEG/
MPEG-4 software compression technology/ H.264 hardware compression technology, and provides configurable display/recording frame rates (from 7.5 fps to 30 fps) and configurable
resolutions (from CIF to D1) to meet various user requirements. The system supports up to three hard disk drives and external storage devices can be added for extra video data
storage capacity. Embedded system design is used to prevent virus attack and provide the highest stability. Easy installation, simple operation, high scalability, advanced functions
and strong remote management support make PVS-640E series the right choice for any security-critical environment
Specifications
Model
PVS-640-SB16E
PVS-640-SC16E
PVS-640-SD16E
PVS-640-SE16E
PVS-640-SB24E
Video Channels
16
16
16
16
24
Audio Channels
1
16
16
16
3
Display Speed (NTSC/PAL)
120/100
120/100
240/200
480/400
180
Recording Speed (NTSC/PAL)
120/100
120/100
CIF: 240/200
Half D1: 120/100
D1: 60/50
CIF: 480/400
Half D1: 240/200
D1: 120/100
180/150
Resolution
CIF/half D1/D1
CPU
Optional (suggestion: LGA 775 Intel® Pentium® 4 3.0 GHz or above)
RAM
Optional (suggestion: DDR2 533/667 GHz, 512 MB or above)
HDD
Optional (support up to 3 SATA HDDs)
IO
Optional
Backup Device
Optional (external USB CD-RW/DVD-RW)
WDT
Yes
Operating System
Windows® XP embedded OS License (DOM)
Storage Devices
1 x 3.5" and 3 x 5.25" IDE drive bay
Power Supply
400 W power supply
Form Factor
4U
Dimensions(W/H/D)
482 x 177 x 480 mm (19" x 7" x 18.9")
Model
PVS-640-HB8E
PVS-640-HB16E
PVS-640-HB32E
PVS-640-HC16E
PVS-640-HC32E
Video Channels
8
16
32
16
32
Audio Channels
8
16
32
8
16
Display Speed (NTSC/PAL)
240/200
480/400
960/800
480/400
960/800
Recording Speed (NTSC/PAL)
240/200
480/400
960/800
480/400
960/800
Resolution
CIF/half D1/D1 (up to 4 Ch @ D1) CIF/half D1/D1 (up to 8 Ch @ D1) CIF/half D1/D1 (up to 16 Ch @ D1) CIF/half D1/D1 (up to 8 Ch @ D1) CIF/half D1/D1 (up to 16 Ch @ D1)
CPU
Optional (suggestion: LGA 775 Intel Pentium 4 3.0 GHz or above)
RAM
Optional (suggestion: DDR2 533/667 GHz 512 MB or above)
HDD
Optional (support up to 3 SATA HDDs)
IO
Optional
Backup Device
Optional (external USB CD-RW/DVD-RW)
Operating System
Windows XP embedded OS License (DOM)
Storage Devices
1 x 3.5" and 3 x 5.25" IDE drive bay
Power Supply
400 W power supply
Form Factor
4U
Dimensions (W x H x D)
482 x 177 x 480 mm (19" x 7" x 18.9")
Temperature
-5 ~ 50° C (32~104° F) (operating)
Humidity
10 ~ 85% @ 40° C, non-condensing (operating)


Similar Part No. - PVS-640-SE16-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
   Advanced Industrial 4U Rackmount DVR System
More results

Similar Description - PVS-640-SE16-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PVS-640 ADVANTECH-PVS-640 Datasheet
443Kb / 2P
   Advanced Industrial 4U Rackmount DVR System
PVS-500 ADVANTECH-PVS-500 Datasheet
1Mb / 4P
   16 Channel H.264 PC Based DVR System
logo
Xilinx, Inc
DS600 XILINX-DS600 Datasheet
254Kb / 11P
   Advanced system features
logo
Keysight Technologies
W2306EP KEYSIGHT-W2306EP Datasheet
2Mb / 16P
   Advanced Design System
W2362EP KEYSIGHT-W2362EP Datasheet
2Mb / 16P
   Advanced Design System
W2316EP KEYSIGHT-W2316EP Datasheet
2Mb / 16P
   Advanced Design System
W2305EP KEYSIGHT-W2305EP Datasheet
2Mb / 16P
   Advanced Design System
W2319EP KEYSIGHT-W2319EP Datasheet
2Mb / 16P
   Advanced Design System
W2320EP KEYSIGHT-W2320EP Datasheet
2Mb / 16P
   Advanced Design System
logo
Advantech Co., Ltd.
PVS-610E ADVANTECH-PVS-610E Datasheet
913Kb / 2P
   Advanced Industrial 4U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com