Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC-662G-B1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TPC-662G-B1E
Description  AMD LX800 Touch Panel Computer with 6.4 VGA TFT LCD Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-662G-B1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TPC-662G-B1E Datasheet HTML 1Page - Advantech Co., Ltd. TPC-662G-B1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Unit: mm
www.advantech.com/products
Online Download
TPC-660G/TPC-662G
Ordering Information
TPC-660G-B1E
6.4" TFT LCD Display TPC with AMD LX800 500 MHz
and 256 MB DDR SDRAM
TPC-662G-B1E
TPC-660G-B1E with CAN-Bus support (WinCE 5.0)
195
44.4
6
188
Unit: mm
Panel Cut-out Dimensions: 188.4 x 141.4 mm
Rear View
a. Power
b. Power Receptor
c. Fuse
d. USB 2.0
e. COM2 (RS232/422/485) for TPC-660G
COM2 (CAN Port) for TPC-662G
f. COM1 (RS232)
d
a b c
e
f
g
k
j
i
h
g. PS/2
h. Audio (MIC, Line-out) for TPC-660G
i. 10/100Mb LAN
j. CompactFlash
k. PC/104
Last updated: 28-Aug-2007


Similar Part No. - TPC-662G-B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-660E-B1E ADVANTECH-TPC-660E-B1E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-660G-EHKE ADVANTECH-TPC-660G-EHKE Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-66SN-E2AE ADVANTECH-TPC-66SN-E2AE Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
More results

Similar Description - TPC-662G-B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-2140WP ADVANTECH-TPC-2140WP Datasheet
495Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
TPC-1840WP-T3AE ADVANTECH-TPC-1840WP-T3AE Datasheet
425Kb / 2P
   18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-core processor
TPC-2140WP-T3AE ADVANTECH-TPC-2140WP-T3AE Datasheet
416Kb / 2P
   21.5" Full HD TFT LCD Touch Panel Computer with AMD Dual-core processor
TPC-1840WP ADVANTECH-TPC-1840WP Datasheet
504Kb / 2P
   18.5" WXGA TFT LCD Multi-Touch Panel Computer with AMD Dual-Core Processor
27-Jun-2018
SPC-1840WP-T3AE ADVANTECH-SPC-1840WP-T3AE Datasheet
533Kb / 2P
   18.5" WXGA TFT LED LCD stationary Multi-Touch Panel Computer with AMD dual-core processor
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
logo
Axiomtek Co., Ltd.
GOT3157W-111-PCT AXIOMTEK-GOT3157W-111-PCT_17 Datasheet
463Kb / 2P
   15.6 WXGA TFT Fanless Multi-touch Panel Computer with AMD G-series
logo
National Instruments Co...
TPC-2512 NI-TPC-2512 Datasheet
381Kb / 4P
   12.1 in. SVGA TFT color LCD touch screen/500 MHz AMD LX800 processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com