Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR-247-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PWR-247-AE
Description  12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PWR-247-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PWR-247-AE Datasheet HTML 1Page - Advantech Co., Ltd. PWR-247-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
Specifications
General
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
Fanless design
Dimensions (W x H x D) 311 x 237 x 52 mm (12.24" x 9.33" x 2")
Enclosure
Front bezel: Al-Mg
Back housing: ABS
Mounting
Desktop, swing arm or wall (with mounting kit)
OS Support
Windows CE 5.0 (English Version)
Power Consumption
20 W (typical)
Power Input
18 ~ 32 VDC
Watchdog Timer
1.6 sec (system)
Weight (Net)
2.2 kg (4.85 lbs)
System Hardware
CPU
Intel PXA 270 520MHz
Memory
64MB on board SDRAM
LAN
10/100Base-T x 2
Storage
64 MB MDOC on board
CompactFlash® slot x 1 (GPIO)
I/O
Full RS-232 x 2 (COM1, 2)
4-pin RS-232/RS-485 x 1 (COM3)
USB 1.1 x 2
Isolated CAN 2.0B Interface x 1 (Optional)
CAN Controller: SJA-1000
CAN Transceiver: 82C250
TPC-120H
12.1" SVGA TFT LCD XScale PXA270
Touch Panel Computer with CAN-bus
Introduction
TPC-120H models are compact platforms without redundant functions that have been designed for operator inferface applications. Its RISC kernel, Intel PXA, counsumes minimum
power without sacrificing performance. With a high quality TFT LCD display, TPC-120H models support two 10/100BASE-T Ethernet ports to offer solid communication ability, and
comes bundled with a Windows CE OS to support thin-client solutions.
LCD Display
Display Type
SXGA TFT LCD
Display Size
12.1"
Max. Resolution
800 x 600
Max. Colors
262 K
Luminance cd/m2
340
Viewing Angle (H/V°)
100/60
Backlight Life
50,000 hrs
Contrast Ratio
300 : 1
Touchscreen
Lifespan
1 million touches at single point
Light Transmission
Above 75%
Pixel Pitch (H x V)
0.3075 x 0.3075 mm
Resolution
Linearity
Type
8-wire, analog resistive
Environment
Humidity
10 ~ 95% RH @ 40° C, non-condensing
Ingress Protection
Front panel: NEMA4, IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
Intel® PXA270 processor on board
12.1" SVGA TFT LCD
Super slim and compact design with Al-Mg housing
Fanless cooling system
NEMA4/IP65 compliant front panel
Automatic data flow control RS-485
Built-in flash memory and Windows CE OS
CAN-bus 2.0B supported (optional)


Similar Part No. - PWR-247-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWR-247-AE ADVANTECH-PWR-247-AE Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
PWR-247-AE ADVANTECH-PWR-247-AE Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
PWR-247-AE ADVANTECH-PWR-247-AE Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
PWR-247-AE ADVANTECH-PWR-247-AE Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
PWR-247-AE ADVANTECH-PWR-247-AE Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
More results

Similar Description - PWR-247-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-68T ADVANTECH-TPC-68T Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
   12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5120T-845 AXIOMTEK-GOT5120T-845_17 Datasheet
449Kb / 2P
   12.1 XGA/SVGA TFT Fanless Touch Panel Computer with Intel Celeron
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
GOT5840T-834 AXIOMTEK-GOT5840T-834_17 Datasheet
524Kb / 2P
   8.4 SVGA TFT Fanless Touch Panel Computer with Intel Celeron
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com