Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNO-2678 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO-2678
Description  Celeron짰 400 MHz UNO with 3xLAN, 8xIsolated RS-232/422/485 and 1U Form Factor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-2678 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO-2678 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Universal Network Controller
All product specifications are subject to change without notice
Last updated : 20-Jan-2006
UNO-2668
UNO-2678
Celeron® 400 MHz UNO with 3xLAN, 8xIsolated
RS-232/422/485 and 1U Form Factor
Celeron® M 1 GHz UNO with 3xLAN, 8xIsolated
RS-232/422/485 and 1U Form Factor
NEW
Environment
Humidity
95% @ 40° C (non-condensing)
Operating Temperature -10~50° C (14~122° F)
Shock Protection
IEC 68 2-27
CompactFlash®: 50 G @ wall mount, half sine, 11 ms
HDD: 20 G @ wall mount, half sine, 11 ms
Vibration Protection
IEC 68 2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash®: 2 Grms @ 5 ~ 500 Hz,
HDD: 0.5 Grms @ 5 ~ 500 Hz
Ordering Information
Hardware
UNO-2668-JDA0
Celeron 400 MHz, 256 MB SDRAM, 3xLAN, 8xCOM
UNO-2678-NDA0
Celeron 600 MHz, 256 MB DDR, 3xLAN, 8xCOM
UNO-2678-RDA0
Celeron M 1 GHz, 512 MB DDR, 3xLAN, 8xCOM
Hardware with OS
UNO-2668CE-JDA0
UNO-2668-JDA0 with 32 MB CF and CE .NET 5.0
UNO-2668XP-JIA0
UNO-2668-JDA0 with 1 GB CF and XPE (SP2)
UNO-2678CE-NDA0
UNO-2678-NDA0 with 32 MB CF and CE .NET 5.0
UNO-2678XP-NIA0
UNO-2678-NDA0 with 1 GB CF and XPE (SP2)
 Onboard Celeron® 400 MHz, Celeron® 600 MHz or Cleron® M 1 GHz
processor
 Supports 256/512 MB Memory
 Supports Lm sensor which can retrieve CPU and board temperature for
monitoring purposes
 Eight isolated RS-232/422/485 ports with automatic flow control.
 Three 10/100Base-T RJ-45 ports.
 Supports Two USB and one type I/II CF card.
 Windows® CE .NET, and Windows® XP Embedded ready solution
 Windows® 2000/XP driver ready and Linux driver support
 Windows® XP Embedded (SP2) Ready Platform with write protection (EWF)
Specifications
General
Certifications
CE, FCC class A,
Dimensions (WxDxH)
1U (440 x 220 x 44)mm (17.3” x 8.6” x 1.7”)
Enclosure
SECC
Mounting
Rack, wall
Power Consumption
22 W (Typical)
Power Input
Min. 48 W (9 ~ 36 VDC) (e.g +24 V @ 2 A)
Weight
3.6 kg
OS Support
Windows® XP Embedded, Windows® 2000/XP,
Windows® CE .NET 5.0, Linux
System Hardware
CPU
UNO-2668: Celeron® 400 Mhz
UNO-2678: Celeron® 600 MHz (Celeron® M Core),
or Celeron® M 1 GHz
Indicators
Power, Power input 1, Power input 2, Power fault, IDE,
and all ports Tx/Rx monitoring
Keyboard/Mouse
1 x PS/2
Memory
UNO-2668: 256 MB SDRAM
UNO-2678: 256/512 MB DDR DRAM
Storage
SSD: 1 x internal type I/II CompactFlash® slot
HDD: built in extension kit for one standard 2.5’’ HDD
VGA
DB15 VGA connector
Communications
Serial Ports
Eight RS-232/422/485 ports include:
- 2 x DB-9 connectors with 9-wired RS-232
- 6 x screw terminals with 5-wired RS-232
Automatic RS-485 data flow control
2000 V
DC surge protection & 2000 VDC isolation
Serial Port Speed
RS-232: 50 ~ 230.4 kbps
RS-422/485: 50 ~ 921.6 kbps (Max.)
LAN
3 x 10/100Base-T RJ-45 ports
USB Ports
UNO-2668: 2 x USB, UHCI, Rev. 1.1 compliant
UNO-2678: 2 x USB, UHCI, Rev. 2.0 compliant
Introduction
UNO-2668 and UNO-2678 are high-performance controllers from Celeron 400 MHz grade up to Celeron M 1 GHz grade, and both are equipped with eight isolated serial communication
ports. They inherit the glory from the UNO family and includes the typical characteristics as it is fanless, robust, and reliable. Furthermore, in order to meet the diverse applications
in industrial automation and control, varied interfaces and 1U form factor are suitable for use, especially for rack mounting. Also, LEDs for all ports and modes on the front panel
simplify the monitoring status for operation, administration and maintenance. Both UNO-2668 and UNO-2678 are convenient and user-friendly platforms to fulfill a wide range of
requirements.


Similar Part No. - UNO-2678

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-200-DMKAE ADVANTECH-UNO-200-DMKAE Datasheet
809Kb / 2P
   Industrial Raspberry Pi 4 HAT Gateway Kit with POE function, TPM, 1 x RS-232/485, 8 x GPIO, 8 GB SD Card, and AdvRaspbian OS
28-Jan-2022
UNO-200-DMKAE ADVANTECH-UNO-200-DMKAE Datasheet
512Kb / 2P
   Industrial Raspberry Pi 4 Gateway Kit with 1 x RS-232/485, 4 x GPIO, 8 GB SD Card, and AdvRaspbian OS
28-Jan-2022
UNO-200-DMKAE ADVANTECH-UNO-200-DMKAE Datasheet
660Kb / 3P
   Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
UNO-2000 ADVANTECH-UNO-2000 Datasheet
1Mb / 2P
   UNO-1000 Series Accessories
UNO-2000-LKAE ADVANTECH-UNO-2000-LKAE Datasheet
682Kb / 2P
   Amazon IoT Greengrass Starter Kit with UNO-2372
21-Dec-2022
More results

Similar Description - UNO-2678

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
   Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Advantech Co., Ltd.
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
   Isolated RS-232/422/ 485 Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com