Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-4671 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USB-4671
Description  GPIB USB Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USB-4671 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USB-4671 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
USB-4671
GPIB USB Module
Specifications
GPIB
ƒ
Compatibility
IEEE 488.1 & IEEE 488.2
ƒ
GPIB Transfer Rate
1.8 MB/s
ƒ
OS Support
Windows 2000/XP
ƒ
Library Support
Visual C++, Visual C#, Visual Basic, Visual Basic .NET,
Delphi, LabView
ƒ
Max. GPIB Connections 15
General
ƒ
Bus Type
USB 2.0
ƒ
I/O Connectors
1 x 24-pin IEEE 488
ƒ
Storage Temperature
-20 ~ 70° C (-4 ~ 158° F)
ƒ
Operating Humidity
10 ~ 90% RH, non-condensing
ƒ
Dimensions (L x W x H) 107 x 66 x 26 mm
ƒ Supports USB 2.0
ƒ Convenient portable design
ƒ Bus-powered
ƒ Complete IEEE 488.1 & 488.2 compatibility
ƒ Full driver, library, and example support, including; Visual C++®, Visual C#®,
Visual Basic®, Visual Basic .NET®, Delphi®, and LabView
ƒ Provides powerful and easy-to-use configuration utility
ƒ No GPIB cable required for instrument connection
ƒ Plug & Play installation and configuration
Introduction
USB-4671 is a high-performance USB Module with a GPIB interface. The module is fully compatible with IEEE 488.1 and 488.2 standards with USB 2.0 bus specification. With two
driver control modes: controller mode and slave mode; USB-4671 can perform basic the IEEE 488 talker, listener and controller functions required by IEEE 488.2. You can also connect
up to 15 GPIB instruments. Therefore, USB-4671 is especially suitable for instrument measurements and control.
Furthermore, USB-4671 also offers powerful testing features and a configuration utility that allows users to easily access and control instruments. USB-4671 offers a comprehensive
supplementary controller driver database and provides standard IEEE-488 commands to help users develop applications. Users can use an interactive GPIB window interface to
control devices directly without any need of programming.
Ordering Information
ƒ
USB-4671
GPIB USB Module
ƒ
PCL-10488-2
IEEE-488 Cable, 2 m


Similar Part No. - USB-4671

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4671-A ADVANTECH-USB-4671-A Datasheet
137Kb / 1P
   GPIB USB Module
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
   GPIB USB Module
More results

Similar Description - USB-4671

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USB-4671 ADVANTECH-USB-4671_15 Datasheet
137Kb / 1P
   GPIB USB Module
logo
TEKTRONIX, INC.
2220 TEKTRONIX-2220 Datasheet
741Kb / 4P
   Multi-Channel USB and USB/GPIB Programmable DC Power Supplies
logo
Keysight Technologies
E1406A KEYSIGHT-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
Agilent(Hewlett-Packard...
E1406A HP-E1406A Datasheet
379Kb / 4P
   VXI GPIB Command Module C-Size
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
   High-Performance IEEE-488 GPIB Interface for USB/PCI
logo
Texas Instruments
SMJ9914A TI-SMJ9914A Datasheet
766Kb / 18P
[Old version datasheet]   GPIB CONTROLLER
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
   GPIB TALKER/LISTENER
logo
Keysight Technologies
66101A-J05 KEYSIGHT-66101A-J05 Datasheet
203Kb / 8P
   Modular Power System,GPIB
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
   IEEE-488 GPIB Transceivers
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
   GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com