Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW12280 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW12280
Description  General Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW12280 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW12280_1 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
101A
84A
56A
28A
11.2A
5.6A 2.8A 1.4A
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
10.2
13.8
11.4
12.0
12.6
13.2
10.8
9.6
9.0
7.8
8.4
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
28 Ah
182 mm (7.17 inches)
175 mm (6.89 inches)
166 mm (6.5 inches)
125 mm (4.92 inches)
9.0Kg (19.82 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(1.40 A)
10 hour rate(2.58 A)
5 hour rate(4.76A)
1 hour rate(16.80A)
28.0 AH
25.8AH
23.8AH
16.8AH
1.5 hour discharge to 10.5V
Full charged Battery at 25 (77 )
12.0 A
9 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T66
T32
Initial Charging Current less than 11.2 A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
SW12280(12V28AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25
(77
)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Edition July 2009


Similar Part No. - SW12280_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12280 SUNNYWAY-SW12280_17 Datasheet
501Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SW12280_1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12100 SUNNYWAY-SW12100_1 Datasheet
402Kb / 1P
   General Battery
SW12220 SUNNYWAY-SW12220 Datasheet
528Kb / 1P
   General Battery
SW12260 SUNNYWAY-SW12260 Datasheet
442Kb / 1P
   General Battery
SW12700 SUNNYWAY-SW12700 Datasheet
435Kb / 1P
   General Battery
SW121100 SUNNYWAY-SW121100 Datasheet
536Kb / 1P
   General Battery
SW660 SUNNYWAY-SW660_1 Datasheet
344Kb / 1P
   General Battery
SW1215 SUNNYWAY-SW1215 Datasheet
429Kb / 1P
   General Battery
SW1223 SUNNYWAY-SW1223 Datasheet
413Kb / 1P
   General Battery
SW1226 SUNNYWAY-SW1226_1 Datasheet
424Kb / 1P
   General Battery
SW1240 SUNNYWAY-SW1240 Datasheet
380Kb / 1P
   General Battery
SW633 SUNNYWAY-SW633 Datasheet
420Kb / 1P
   General Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com