Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XD1008-BD-000V Datasheet(PDF) 8 Page - Mimix Broadband

Part # XD1008-BD-000V
Description  30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1008-BD-000V Datasheet(HTML) 8 Page - Mimix Broadband

Back Button XD1008-BD-000V Datasheet HTML 2Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 3Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 4Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 5Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 6Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 7Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 8Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 9Page - Mimix Broadband XD1008-BD-000V Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
30 kHz - 40 GHz GaAs MMIC
Distributed Amplifier
Page 8 of 10
D1008-BD
Bonding Diagram
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2009 - Rev 19-Mar-09


Similar Part No. - XD1008-BD-000V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XD1008-BD-000V MA-COM-XD1008-BD-000V Datasheet
935Kb / 10P
   Unconditional Stability over Temperature Range
More results

Similar Description - XD1008-BD-000V

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC261 HITTITE-HMC261_02 Datasheet
465Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
HMC261 HITTITE-HMC261_00 Datasheet
192Kb / 6P
   GaAs MMIC MEDIUM POWER DISTRIBUTED AMPLIFIER, 20 - 40 GHz
logo
Mimix Broadband
CMM2030-BD MIMIX-CMM2030-BD Datasheet
279Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
CMM3030-BD MIMIX-CMM3030-BD_06 Datasheet
197Kb / 4P
   30 kHz-30 GHz GaAs MMIC Optical Modulator Driver Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
   18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
   0.05-50.0 GHz GaAs MMIC Distributed Amplifier
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
   DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com