Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-CGB8002-SC-00B0 Datasheet(PDF) 4 Page - Mimix Broadband

Part # PB-CGB8002-SC-00B0
Description  DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB8002-SC-00B0 Datasheet(HTML) 4 Page - Mimix Broadband

  PB-CGB8002-SC-00B0 Datasheet HTML 1Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 2Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 3Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 4Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 5Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 6Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 7Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 8Page - Mimix Broadband PB-CGB8002-SC-00B0 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4 of 12
Typical Performance: 900 MHz (cont.)
CGB8002-SC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
DC-2.8 GHz InGaP HBT
3.3V, Matched Gain Block Amplifier
April 2008 - Rev 28-Apr-08
S11 vs. Frequency vs. Temp
-20
-15
-10
-5
0
0.75
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
+25degC
-45degC
+85degC
S22 vs. Frequency vs. Temp
-15
-10
-5
0
0.75
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
+25degC
-45degC
+85degC
Gain vs. Frequency vs. Temp
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
0.75
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
+25degC
-45degC
+85degC
Typical Performance: 2140 MHz
App CKT @ 2140 MHz
Vcc = 3.3 V, Iq = 120 mA
-20
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Freq
SSG
P1dB
Icc
@ P1dB
OIP3
@ 8 dBm/Tone
OIP3
@ 11 dBm/ Tone
Nf
(MHz)
(dB)
(dBm)
(mA)
(dBm)
(dBm)
(dB)
2.11
17.2
22.2
132
35.7
35.5
4.4
2.14
17.1
22.1
131
35.6
35.3
4.5
2.17
17
22.1
131
35.3
35.1
4.6
S11
S21
S22
S12 vs. Frequency vs. Temp
-40
-35
-30
-25
-20
-15
-10
-5
0
0.75
0.80
0.85
0.90
0.95
1.00
Frequency (GHz)
+25degC
-45degC
+85degC


Similar Part No. - PB-CGB8002-SC-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00C0 MIMIX-PB-CGB8001-SC-00C0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - PB-CGB8002-SC-00B0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com