Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-CGB8002-SC-00D0 Datasheet(PDF) 8 Page - Mimix Broadband

Part # PB-CGB8002-SC-00D0
Description  DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB8002-SC-00D0 Datasheet(HTML) 8 Page - Mimix Broadband

Back Button PB-CGB8002-SC-00D0 Datasheet HTML 4Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 5Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 6Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 7Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 8Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 9Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 10Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 11Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 12Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8 of 12
Typical Performance: 2450 MHz (cont.)
CGB8002-SC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
DC-2.8 GHz InGaP HBT
3.3V, Matched Gain Block Amplifier
April 2008 - Rev 28-Apr-08
Gain vs. Frequency vs. Temp
10
11
12
13
14
15
16
17
18
19
20
2.42.4
2.42.5
2.52.5
Frequency (GHz)
+25degC
-45degC
+85degC
S12 vs. Frequency vs. Temp
-40
-35
-30
-25
-20
-15
-10
-5
0
2.4
2.42
2.44
2.46
2.48
2.5
Frequency (GHz)
+25degC
-45degC
+85degC
Typical Performance: 2750 MHz
ACPR Vs Pout
WCDMA, TM-1 64 DPCH
Room Temp
-60
-55
-50
-45
-40
-35
8
9
10
11
12
13
14
15
16
17
18
Pout (dBm)
2.7 GHz
2.75 GHz
2.8 GHz
Freq
SSG
P1dB
Icc
@ P1dB
OIP3
@ 8 dBm/Tone
OIP3
@ 11 dBm/ Tone
Nf
(MHz)
(dB)
(dBm)
(mA)
(dBm)
(dBm)
(dB)
2.7
15.1
22.4
132
37.1
36.1
5.2
2.75
14.9
22.2
131
37.4
36
5.4
2.8
14.7
22
130
37.7
35.8
5.6
P1dB vs. Frequency vs. Temp
20
20.5
21
21.5
22
22.5
23
23.5
24
24.5
25
2.6
2.652.7
2.75
2.8
Frequency (GHz)
25degC
-45degC
85degC
OIP3 vs. Frequency vs. Temp
Pout / Tone = 8dBm
30
31
32
33
34
35
36
37
38
39
40
2.6
2.652.7
2.75
2.8
Frequency (GHz)
25degC
-45degC
85degC


Similar Part No. - PB-CGB8002-SC-00D0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00C0 MIMIX-PB-CGB8001-SC-00C0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - PB-CGB8002-SC-00D0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com