Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB-XG1001-SA-00A0 Datasheet(PDF) 1 Page - Mimix Broadband

Part # PB-XG1001-SA-00A0
Description  100.05-4.0 GHz Dual High Dynamic Range Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-XG1001-SA-00A0 Datasheet(HTML) 1 Page - Mimix Broadband

  PB-XG1001-SA-00A0 Datasheet HTML 1Page - Mimix Broadband PB-XG1001-SA-00A0 Datasheet HTML 2Page - Mimix Broadband PB-XG1001-SA-00A0 Datasheet HTML 3Page - Mimix Broadband PB-XG1001-SA-00A0 Datasheet HTML 4Page - Mimix Broadband PB-XG1001-SA-00A0 Datasheet HTML 5Page - Mimix Broadband PB-XG1001-SA-00A0 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 12-Jan-10
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
Page 1 of 6
Features
Matched Pair of Amplifiers for Optimum Balanced Design
0.05 to 4.0 GHz Frequency Range
44 dBm Output IP3 (Balanced configuration)
41 dBm Output IP3 (Single-ended configuration)
13 dB Gain @ 2 GHz
22.5 dBm P1dBm
2.1 dB Noise Figure
RoHS Compliant SOIC-8 Package
Single Positive Supply
+3V to +5V Voltage Rail
Supply Voltage
RF Input Power*
Storage Temperature (Tstg)
Junction Temperature
Operating Temperature
Thermal Resistance
+6.0 V
+20 dBm
-55 ºC to +125 ºC
150 ºC
-40 ºC to +85ºC
27 ºC/W
Absolute Maximum Ratings
Operation of this device above any of these parameters may cause damage.
*Operation with more than 10 dBm of input power may cause 2 dB
degradation in OIP3 performance.
Frequency Range
Gain
Input Return Loss
Output Return Loss
Output IP3
Noise Figure
Output P1dB
0.9
14.5
-13
-16
42
2.1
+22.5
2
13
-14.5
-15.4
41
2.1
+22.5
2.4
12
-20
-11
40.5
2.6
+22.5
GHz
dB
dB
dB
dBm
dB
dBm
Typical Parameters
Typical values reflect performance in recommended application circuit @ +5V.
XG1001-SA
General Description
The XG1001-SA is a dual high dynamic range amplifier designed for
applications operation within the 0.05 to 4.0 GHz frequency range.
Co-located matched amplifiers are assembled in an RoHS compliant
SOIC-8 package.The XG1001-SA is an ideal solution for
implementing balanced or push-pull designs.The amplifier can also
be used for dual-band operation where single-ended design is used
for each band.The amplifier has the flexibility of being optimized
for a number of wireless applications. The combination of low noise
figure and high IP3 at the same bias point make it an ideal transmit
or receive solution when used in applications including CATV
operating from 50 to 850 MHz, cellular and PCS (personal
communications service) operating from 0.8 to 2.2 GHz; MMDS
(multichannel multipoint distribution systems) operating from 2.2
to 2.7 GHz; and WLAN (wireless LAN) operation at 2.4 GHz. All
devices are 100% RF and DC tested.
Electrical Characteristics (T = 25ºC)
Parameter
Condition
Frequency Range
Gain
Input Return Loss
Output Return Loss
Output IP3
Noise Figure
Output P1dB
Operating Current Range
Supply Voltage
Externally Matched
Externally Matched
Externally Matched
Units
GHz
dB
dB
dB
dBm
dB
dBm
mA
V
Min.
0.05
11.5
38
120
Typ.
13
-10
-10
41
2.1
22.5
160
5.0
Max.
4.0
200
Unless otherwise specified, the following specifications are guaranteed at room temerpature in a Mimix fixture.
Notes:
1.T = 25ºC, Frequency = 2 GHz, 50 Ohm system.
2. Each single ended amplifier is tested separately.
3. OIP3 is measured with two tones at output power of 5 dBm/tone separated by 10 MHz.
4. Slight performance degredation is expected over temperature.
Parameter
Typical
Units
Input 1
Output 1
Input 2
Output 2
N/C
N/C
N/C
N/C
Backside slug is source GND


Similar Part No. - PB-XG1001-SA-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-XX1002-QH-0000 MIMIX-PB-XX1002-QH-0000 Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

Similar Description - PB-XG1001-SA-00A0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
CDQ6004-QS MIMIX-CDQ6004-QS_07 Datasheet
535Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
   High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
   High Dynamic Range Dual Amplifier
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com