Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1035-QH Datasheet(PDF) 3 Page - Mimix Broadband

Part # XP1035-QH
Description  5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1035-QH Datasheet(HTML) 3 Page - Mimix Broadband

  XP1035-QH Datasheet HTML 1Page - Mimix Broadband XP1035-QH Datasheet HTML 2Page - Mimix Broadband XP1035-QH Datasheet HTML 3Page - Mimix Broadband XP1035-QH Datasheet HTML 4Page - Mimix Broadband XP1035-QH Datasheet HTML 5Page - Mimix Broadband XP1035-QH Datasheet HTML 6Page - Mimix Broadband XP1035-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Power Amplifier Measurements (cont.)
Page 3 of 7
August 2009 - Rev 29-Aug-09
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 17-Feb-10
P1035-QH
5.9-9.5 GHz Linear Power Amplifier
QFN, 4x4mm
XP1035-QH: Pout (dBm) and Gain (dB) vs Pin (dBm)
Id=500mA, Vd=6V, +25 C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
-10
-8
-6
-4
-2
0
2
4
6
8
10
Pin (dBm)
5.9 GHz
7 GHz
8.5 GHz
XP1035-QH: C/I3 vs Pout at Id=500mA, Vd=6V, +25 C, 10 MHz Span
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
10
12
14
16
18
20
22
Pout (dBm)
5.9 GHz
7 GHz
8.5 GHz
XP1035-QH: P1dB (dBm) at Id=500mA, Vd=6V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
RF Frequency (GHz)
+25 C
-40 C
+80 C
XP1035-QH: Detector (mV) vs Pout (dBm) at Id=500mA, Vd=6V, +25 C
10
100
1000
10000
5
7.5
10
12.5
15
17.5
20
22.5
25
Pout (dBm)
5.9 GHz
7 GHz
8.5 GHz
XP1035-QH:
Detector (mV) vs Pout (dBm) at Id=500mA, Vd=6V, -40 C
10
100
1000
10000
5
7.5
10
12.5
15
17.5
20
22.5
25
Pout (dBm)
5.9 GHz
7 GHz
8.5 GHz
XP1035-QH:
Detector (mV) vs Pout (dBm) at Id=500mA, Vd=6V, +80 C
10
100
1000
10000
5
7.5
10
12.5
15
17.5
20
22.5
25
Pout (dBm)
5.9 GHz
7 GHz
8.5 GHz


Similar Part No. - XP1035-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH Datasheet
860Kb / 7P
   105.9-9.5 GHz Linear Power AmplifierQFN, 4x4mm
logo
Mimix Broadband
XP1035-QH-0G00 MIMIX-XP1035-QH-0G00 Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH-0G00 MA-COM-XP1035-QH-0G00 Datasheet
882Kb / 8P
   Power Amplifier
logo
Mimix Broadband
XP1035-QH-0G0T MIMIX-XP1035-QH-0G0T Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
More results

Similar Description - XP1035-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH Datasheet
860Kb / 7P
   105.9-9.5 GHz Linear Power AmplifierQFN, 4x4mm
logo
Mimix Broadband
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
XP1035-BD MIMIX-XP1035-BD_08 Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
Tyco Electronics
MAAP-007899 MACOM-MAAP-007899 Datasheet
120Kb / 4P
   High Power Linear Amplifier 5.7 - 5.9 GHz
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com