Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1050-QJ-EV1 Datasheet(PDF) 7 Page - Mimix Broadband

Part # XP1050-QJ-EV1
Description  7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1050-QJ-EV1 Datasheet(HTML) 7 Page - Mimix Broadband

Back Button XP1050-QJ-EV1 Datasheet HTML 2Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 3Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 4Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 5Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 6Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 7Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 8Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 9Page - Mimix Broadband XP1050-QJ-EV1 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MTTF
Page 7 of 10
P1050-QJ
These numbers were calculated based on accelerated life test information and thermal model analysis received from the fabricating
foundry.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
7.0-9.0 GHz Linear Power Amplifier
6x6mm QFN
XP1050 MTTF (Hrs) vs Package Base Temp (ºC)
1.0E+06
1.0E+07
1.0E+08
1.0E+09
1.0E+10
1.0E+11
1.0E+12
10
20
30
40
50
60
70
80
90
100
110
Package Base Temperature (ºC)
MTTF 9.2W Pdis
MTTF 10.2W Pdis
MTTF 11.2W Pdis
XP1050-QJ Operating Power De-rating Curve
(continuous)
0
2
4
6
8
10
12
20
40
60
80
100
120
140
160
180
Package Base Temp (ºC)
XP1050-QJ Power De-
rating
August 2009 - Rev 31-Aug-09


Similar Part No. - XP1050-QJ-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1050-QJ-EV1 MA-COM-XP1050-QJ-EV1 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
More results

Similar Description - XP1050-QJ-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1039-QJ MIMIX-XP1039-QJ Datasheet
889Kb / 6P
   5.6-7.1 GHz Linear 4W Power Amplifier 6x6mm QFN
logo
Excelics Semiconductor,...
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP111 EXCELICS-EMP111 Datasheet
207Kb / 3P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
   7.0 - 9.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ_11 Datasheet
1Mb / 10P
   177.0-9.0 GHz Linear Power Amplifier
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Excelics Semiconductor,...
EMP114-Q5 EXCELICS-EMP114-Q5 Datasheet
125Kb / 3P
   7.0 - 9.0 GHz Surface-Mounted PA
EMP111-Q5 EXCELICS-EMP111-Q5 Datasheet
127Kb / 3P
   7.0 -9.0 GHz Surface-Mounted PA
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com