Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1073-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1073-BD
Description  34.0-37.0 GHz GaAs MMIC Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1073-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XP1073-BD Datasheet HTML 1Page - Mimix Broadband XP1073-BD Datasheet HTML 2Page - Mimix Broadband XP1073-BD Datasheet HTML 3Page - Mimix Broadband XP1073-BD Datasheet HTML 4Page - Mimix Broadband XP1073-BD Datasheet HTML 5Page - Mimix Broadband XP1073-BD Datasheet HTML 6Page - Mimix Broadband XP1073-BD Datasheet HTML 7Page - Mimix Broadband XP1073-BD Datasheet HTML 8Page - Mimix Broadband XP1073-BD Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
P1073-BD
34.0-37.0 GHz GaAs MMIC
Power Amplifier
Chip Device Layout
Mimix Broadband’s four stage 34.0-37.0 GHz GaAs
MMIC power amplifier has a small signal gain of 22.0
dB with 6W saturated output power.This MMIC uses
Mimix Broadband’s GaAs PHEMT device model
technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity.The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process.This
device is well suited for Millimeter-wave Military,
Radar, Satellite and Weather applications.
Features
General Description
Electrical Characteristics (AmbientTemperatureT=25ºC)
Parameter
Frequency Range (f)
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)2
Gain Flatness ( S21)
Reverse Isolation (S12)
Saturated Output Power Pulsed (PSAT)2
Drain Bias Voltage (Vd1,2,3,4)
Gate Bias Voltage (Vg1,2,3,4)
Supply Current (Id1) (Vd=5.5V,Vg=-0.7V)
Supply Current (Id2) (Vd=5.5V,Vg=-0.7V)
Supply Current (Id3) (Vd=5.5V,Vg=-0.7V)
Supply Current (Id4) (Vd=5.5V,Vg=-0.7V)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
mA
mA
mA
Min.
34.0
-
-
-
-
-
-
-
-1.2
-
-
-
-
Typ.
-
18.0
10.0
22.0
+/-2.0
50.0
+37.0
+5.5
-0.7
320
640
1280
2560
Max.
37.0
-
-
-
-
-
-
+5.8
0.0
350
710
1420
2845
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3,4)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)1
+6.0 VDC2
400,800,1600,3200 mA
+0.3 VDC
TBD
-65 to +165 ºC
-55 to +85 ºC
175 ºC
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
(2) Under pulsed bias conditions, under CW Psat conditions
further reduction in max supply voltage (~0.5V) is
recommended.
Ka-Band 6W Power Amplifier
22.0 dB Small Signal Gain
+37.0 dBm Pulsed Saturated Output Power
24% Power Added Efficiency (PAE %)
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
(2) Measured on wafer pulsed.
February 2010 - Rev 16-Feb-10
XP1073-BD


Similar Part No. - XP1073-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-000V MIMIX-XP1072-BD-000V Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
XP1072-BD-EV1-P MIMIX-XP1072-BD-EV1-P Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
More results

Similar Description - XP1073-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1072-BD MIMIX-XP1072-BD Datasheet
1Mb / 8P
   34.0-37.0 GHz GaAs MMIC Power Amplifier
28MPA0304 MIMIX-28MPA0304 Datasheet
345Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
XP1031-BD MIMIX-XP1031-BD Datasheet
1Mb / 1P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1018-BD MIMIX-XP1018-BD Datasheet
358Kb / 8P
   37.0-42.0 GHz GaAs MMIC Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
XP1023-BD MIMIX-XP1023-BD Datasheet
274Kb / 6P
   24.0-34.0 GHz GaAs MMIC Power Amplifier
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1018-BD MA-COM-XP1018-BD Datasheet
353Kb / 8P
   37.0-42.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com