Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1080-QU-0N00 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1080-QU-0N00
Description  37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1080-QU-0N00 Datasheet(HTML) 2 Page - Mimix Broadband

  XP1080-QU-0N00 Datasheet HTML 1Page - Mimix Broadband XP1080-QU-0N00 Datasheet HTML 2Page - Mimix Broadband XP1080-QU-0N00 Datasheet HTML 3Page - Mimix Broadband XP1080-QU-0N00 Datasheet HTML 4Page - Mimix Broadband XP1080-QU-0N00 Datasheet HTML 5Page - Mimix Broadband XP1080-QU-0N00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P1080-QU
Power Amplifier Measurements
Page 2 of 6
37.0-40.0 GHz GaAs Power Amplifier
QFN, 7x7mm
XP1080-QU-0N00; Output IP3 vs Freq
Vd=4V, Id=1000mA
30
32
34
36
38
40
42
44
46
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU-0N00; C/I3 vs Freq
Pscl=14dBm, Vd=4V, Id=1000mA
40
42
44
46
48
50
52
54
56
58
60
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU-0N00: Small signal Gain (S21)
Vd=4.0V, Id=1000mA
10
12
14
16
18
20
22
24
26
28
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU-0N00: Input Return Loss (S11)
Vd=4.0V, Id=1000mA
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU-0N00: Output Return Loss (S22)
Vd=4.0V, Id=1000mA
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1080-QU-0N00: Reverse Isolation (S12)
Vd=4.0V, Id=1000mA
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 22-Jan-10


Similar Part No. - XP1080-QU-0N00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1080-QU-0N00 MA-COM-XP1080-QU-0N00 Datasheet
771Kb / 8P
   Linear Power Amplifier
More results

Similar Description - XP1080-QU-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1080-QU MIMIX-XP1080-QU_11 Datasheet
966Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
XP1012 MIMIX-XP1012 Datasheet
158Kb / 6P
   37.0-40.0 GHz GaAs MMIC Power Amplifier
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XD1005-QT MIMIX-XD1005-QT Datasheet
197Kb / 5P
   10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com