Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP9003-MB-0N00 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP9003-MB-0N00
Description  1.6 GHz 30W Power Amplifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP9003-MB-0N00 Datasheet(HTML) 4 Page - Mimix Broadband

  XP9003-MB-0N00 Datasheet HTML 1Page - Mimix Broadband XP9003-MB-0N00 Datasheet HTML 2Page - Mimix Broadband XP9003-MB-0N00 Datasheet HTML 3Page - Mimix Broadband XP9003-MB-0N00 Datasheet HTML 4Page - Mimix Broadband XP9003-MB-0N00 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
May 2009 - Rev 12-May-09
P9003-MB
Page 4 of 5
1.6 GHz
30W Power Amplifier Module
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Physical Dimensions and Pin Designation
Evaluation Board Components Layout
All Dimensions are in mm


Similar Part No. - XP9003-MB-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003 MIMIX-XP9003 Datasheet
719Kb / 5P
   30W Power Amplifier Module
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
   30W Power Amplifier Module
More results

Similar Description - XP9003-MB-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
   30W Power Amplifier Module
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
   Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
   6-12 GHz 30W GaN Power Amplifier
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
   9.8-13.0 GHz 1.6 W Power Amplifier
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
   2 to 6 GHz, 30W GaN Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com