Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR1015-QH-EV1 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XR1015-QH-EV1
Description  10.0-16.0 GHz GaAs Receiver QFN, 4x4mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1015-QH-EV1 Datasheet(HTML) 5 Page - Mimix Broadband

  XR1015-QH-EV1 Datasheet HTML 1Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 2Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 3Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 4Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 5Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 6Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 7Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 8Page - Mimix Broadband XR1015-QH-EV1 Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Receiver Measurements (cont.)
Page 5 of 9
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2009 - Rev 28-Aug-09
10.0-16.0 GHz GaAs Receiver
QFN, 4x4mm
R1015-QH
XR1015-QH: LO/RF Isolation (dB) vs. RF (GHz).
VD1,2,3 = 4 V, ID1+ID2 = 80 mA , ID3 = 70 mA, VG4 = - 3 V (1.5 mA)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
101520
25303540
RF (GHz)
LO-RF
XR1015-QH: MTTF (hours) vs. Backplate Temp (°C)
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
1.00E+11
1.00E+12
1.00E+13
0
20406080
100
120
140
Backplate Temp (°C)
MTTF (hours)
MTTF
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.


Similar Part No. - XR1015-QH-EV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1015-QH-EV1 MA-COM-XR1015-QH-EV1 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
More results

Similar Description - XR1015-QH-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD Datasheet
438Kb / 5P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com