Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XU1019-QH Datasheet(PDF) 5 Page - Mimix Broadband

Part # XU1019-QH
Description  37.0-40.0 GHz Up-Converter QFN, 4x4mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1019-QH Datasheet(HTML) 5 Page - Mimix Broadband

  XU1019-QH Datasheet HTML 1Page - Mimix Broadband XU1019-QH Datasheet HTML 2Page - Mimix Broadband XU1019-QH Datasheet HTML 3Page - Mimix Broadband XU1019-QH Datasheet HTML 4Page - Mimix Broadband XU1019-QH Datasheet HTML 5Page - Mimix Broadband XU1019-QH Datasheet HTML 6Page - Mimix Broadband XU1019-QH Datasheet HTML 7Page - Mimix Broadband XU1019-QH Datasheet HTML 8Page - Mimix Broadband XU1019-QH Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 of 10
App Note [1] Biasing - As shown in the Pin Designations table, the device is operated by biasing Vd1, Vd2, and Vd3 at 4.0V. The corresponding
drain currents are set to 120mA, 120mA, and 150mA respectively. Vg4 requires a fixed voltage bias of nominally -3V. It is recommended to use
active bias on Vg1, Vg2, Vg3 to keep the currents in Vd1, Vd2, and Vd3 constant, in order to maintain the best performance over temperature.
Depending on the supply voltages available and the power dissipation constraints, the bias circuits may include a single transistor or a low power
operational amplifier, with a low value resistor in series with the drain supply to sense the current. Make sure to sequence the applied voltage to
ensure negative gate bias is available before applying the positive drain supply.
App Note [2] IF1/IF2 versus IF1*/IF2* - The IF input to the typical configuration is through a 90deg hybrid coupler. The hybrid splits the IF input
into inphase and quadrature phase components. These two signals enter the XU1019-QH on either the IF1/IF2 pair, or the IF1*/IF2* complimentary
pair. Which ever pair are not used must be terminated into 50 ohms. There are subtle differences between the performance when using the main IF
ports (IF1,IF2) versus the complimentary ports (IF1*, IF2*) which are shown in the preceding performance curves. For highest gain, best image
rejection and lowest noise figure, the complimentary ports (IF1*, IF2*) should be used.
37.0-40.0 GHz Up-Converter
QFN, 4x4mm
U1019-QH
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 27-Jan-10


Similar Part No. - XU1019-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH_15 Datasheet
1Mb / 10P
   Up-Converter
More results

Similar Description - XU1019-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
U1010-QH MIMIX-U1010-QH_10 Datasheet
818Kb / 5P
   17.0-34.0 GHz Up-Converter QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com