Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC-420-21 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # ELC-420-21
Description  LED - Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

ELC-420-21 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  ELC-420-21 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each application by the customer themselves.
LED - Chip
10.04.2008
rev. 01
Radiation
Violet
typ. dimensions (
±50) µm
typ. thickness
cathode
anode
Absolute Maximum Ratings
at Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
IF
500
mA
IFM
2
A
Tamb
-40 to +110
°C
Tstg
-40 to +110
°C
Tj
125
°C
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 20 mA
VF
2.8
3.2
V
Forward voltage
1
IF = 350 mA
VF
3.1
3.5
V
Reverse voltage
IR = 10 µA
VR
5
V
Radiant power
1
IF = 20 mA
Φ
e
10
14
mW
Radiant power
1,2
IF = 350 mA
Φ
e
240
mW
Peak wavelength
IF = 350 mA
λ
P
410
420
430
nm
Spectral bandwidth at 50%
IF = 350 mA
∆λ
0.5
20
nm
Switching time
IF = 350 mA
tr, tf
30
ns
1)Measured on bare chip on TO-66 header
2)only recommended on optimal heat sink
Labeling
Type
Lot N°
Φ
e(typ) [mW]
VF(typ) [V]
λ
P(typ) [nm]
ELС-420-21
Packing: Chips on adhesive film with wire-bond side on top
Note: All measurements carried out with EPIGAP equipment
DC forward current
Junction temperature
Operating temperature range
Storage temperature range
Peak forward current
tp≤100 µs, D = 0.05
Type
Special
145 (
±15) µm
gold alloy, 2.5 µm
gold alloy, 1.5 µm
Parameter
Test сonditions
ELС-420-21
Electrodes
N (cathode) up
Technology
InGaN
Quantity
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


Similar Part No. - ELC-420-21

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
ELC-410-34 ROITHNER-ELC-410-34 Datasheet
413Kb / 2P
   violet led bare chip die
logo
EPIGAP optoelectronic G...
ELC-410-37 EPIGAP-ELC-410-37 Datasheet
100Kb / 1P
   LED - Chip
ELC-460-31-2 EPIGAP-ELC-460-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
ELC-470-31-1 EPIGAP-ELC-470-31-1 Datasheet
100Kb / 1P
   LED - Chip
More results

Similar Description - ELC-420-21

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com