Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-3001 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-3001
Description  4U CompactPCI Enclosure with 8 slot 3U Backplane
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-3001 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-3001 Datasheet HTML 1Page - Advantech Co., Ltd. MIC-3001 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
CompactPCI Systems
8-slot 3U CompactPCI®
Easy installation: rackmount or panelmount
Hot swap compliant backplane
Hot swap fan tray module
Optional fault detection and alarm notification
Logic Ground and Chassis Ground can be isolated or common
Introduction
The MIC-3001/8 is a 4U-size enclosure with eight 3U CompactPCI slots for rack or panel mounting. Its flexible modular design allows users to configure for a variety of applications.
Reserved space in Device Bay can be used to install peripherals such as 3.5" HDD, or a CD-ROM drive.
The 3U size 8-slot backplane of the MIC-3001 series supports 32-bit operation. The backplane complies with the PICMG 2.1 Hot-Swap Specification, and you can build easy-to-
maintain systems with hot-swappable CompactPCI boards and software.
A 1U-high fan module provides forced cooling air into the system. Two 113-CFM high-speed fans are mounted in a hot-swap tray directly underneath the card slots. The fan's
tachometer output enables the alarm module to monitor the speed of the fans, and a protective circuit has been designed into the fan backplane to reduce spikes and noise during
hot-swapping. This design allows replacement of fans without turning the system off.
MIC-3001
Specifications
Backplane
Slots
8
Bus
32-bit/33 MHz
Vio Voltage
3.3 V/5 V (short-bar selectable)
Device Bay
HDD or CD-ROM
Yes
Cooling
Fan
2 (2 x 113 CFM)
Power
Input
90 ~ 132 VAC/180 ~ 264 VAC @ 47 ~ 63 Hz.
Output
400 W
Loading (A)
Model
Load +3.3 V
+5 V
-5 V
+12 V
-12 V +5 Vsb
MIC-3001
Max.
20
42
1
14
1
0.75
Min.
0.2
2.5
0
0.5
0
0
Environment
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storing Temperature
-40 ~ 80° C (-40 ~ 176° F)
Storing Humidity
10 ~ 90% @ 40° C, non-condensing
4U CompactPCI Enclosure
with 8 slot 3U Backplane
Physical
Model
MIC-3001/8
MIC-3001AR/8
Dimensions
(W x H x D)
440 x 178 x 240 mm
440 x 178 x 283 mm
Weight
7 Kg (15.4lb)
10 kg (22 lb)
Operating Vibration
1.0 Grms w/CF disk
0.5 Grms w/3.5" HDD
Shock
10 G peak-to peak, 11ms duration
Reliability
MTBF (hours)
71174 hours
Compliance
PICMG Compliance
PICMG 2.0, R 2.1CompactPCI Specification
PICMG 2.1, R 1.0 Hot Swap Specification
Ordering Information
MIC-3001/8
4U CompactPCI chassis with 8-slot backplane, fan tray
module, and AC ATX power supply
MIC-3001AR/8
4U CompactPCI chassis with 8-slot backplane, fan tray
module, rear I/O and AC ATX power supply
9663300100
3.5" FDD/HDD bracket accessory for MIC-3000
chassis
9663300101
3U-4TE Blank Cover accessory for MIC-3000 chassis


Similar Part No. - MIC-3001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
   3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-300 ADVANTECH-MIC-300 Datasheet
719Kb / 2P
   3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-300 ADVANTECH-MIC-300 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
MIC-300-S1S1 ADVANTECH-MIC-300-S1S1 Datasheet
912Kb / 3P
   3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-300-S1S2 ADVANTECH-MIC-300-S1S2 Datasheet
912Kb / 3P
   3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
More results

Similar Description - MIC-3001

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A_14 Datasheet
174Kb / 1P
   4U CompactPCI짰 Enclosure with 6-Slot 3U Backplane
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
Advantech Co., Ltd.
MIC-3022 ADVANTECH-MIC-3022 Datasheet
356Kb / 2P
   4U Height CompactPCI® Enclosure for 3U Cards
14-Sep-2021
logo
List of Unclassifed Man...
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-1100A ETC2-CPCIS-1100A Datasheet
208Kb / 1P
   3U Enclosure with 32-bit Backplane and ATX/CompactPCI Redundant Power Supply
logo
Advantech Co., Ltd.
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
   3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
CPCIS-2630 ETC2-CPCIS-2630 Datasheet
376Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 400 W ATX Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com