Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCL-10137-1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10137-1
Description  Amplifier and Multiplexer Board
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10137-1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10137-1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal Conditioning Modules and Terminal Boards
Features
Specifications
I/O
Cold-junction
+24.4 mV/° C, 0 V at 0° C
Compensation
Input Channels
16 differential
Input Conditions
Gains
CMRR
Nonlinearity
Setting Time
1,000
125 dB
0.005% FSR
75 µsec.
100
115 dB
0.005% FSR
15 µsec.
10
105 dB
0.007% FSR
15 µsec.
1
85 dB
0.015% FSR
15 µsec.
Input Range
±10 V max. depending on the selected gain
Output Range
±10 V max.
Overvoltage Protection ±30 V continuous
General
Certifications
CE
Connectors
Controller:
1 x DB37 male connector
2 x 20-pin box header for daisy chaining
I/O:
Screw terminals
Dimensions (L x W)
205 x 114 mm (8.1" x 4.5")
Mounting
4 x screw holes for flat surface mounting
Power Consumption
+5 V @ 30 mA max, +12 V @ 80 mA max.
Ordering Information
PCLD-789D
Amplifier and Multiplexer Board w/ 1m DB37 Cable
PCL-10137-1
DB37 Cable, 1 m
PCL-10137-2
DB37 Cable, 2 m
PCL-10137-3
DB37 Cable, 3 m
PCL-10120-1
20-pin Flat Cable, 1 m
PCL-10120-2
20-pin Flat Cable, 2 m
PCLD-789D
Amplifier and Multiplexer Board
Multiplexes 16 differential inputs to one A/D input
Expands a PC-LabCard™ product’s analog inputs to 128 channels
High-grade instrumentation amplifier provides switch selectable gains of 1, 2,
10, 50, 100, 200, 1,000
Onboard cold-junction compensation circuits for direct thermocouple
measurement
Built-in signal conditioning functions include filter, attenuator and current
shunt
Second connectors onboard allow daisy chaining
Screw-clamp terminal blocks permit easy and reliable connections
Block Diagram
Pin Assignments
Introduction
PCLD-789D is a front-end signal conditioning and channel multiplexing daughterboard for use with PC-LabCard™ product’s analog input ports. It multiplexes 16 differential input
channels into a single A/D converter input channel. You can cascade up to ten PCLD-789Ds, allowing a single data acquisition card to access 160 analog input channels.
PCLD-789D has DB37 and 20-pin flat cable connectors and lets your PCL-818L or PCL-818HD access up to 128 channels without using an additional digital output cable to select
channels. The PCLD-789D uses a high-grade instrumentation amplifier that provides switch-selectable gains of 1, 2, 10, 50, 100, 200 and 1,000. This amplifier lets you accurately
measure low-level signals with your PC-LabCard™ product. The board also contains a cold-junction sensing circuit that allows direct temperature measurement from thermocouple
transducers. A wide variety of thermocouples are supported with software compensation and linearization.


Similar Part No. - PCL-10137-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
233Kb / 2P
   Industrial Wiring Terminal Board With CJC Circuit
PCL-10137-1 ADVANTECH-PCL-10137-1 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
More results

Similar Description - PCL-10137-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX452 MAXIM-MAX452 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
logo
IC-Haus GmbH
IC-PE ICHAUS-IC-PE Datasheet
574Kb / 13P
   XMR SENSOR MULTIPLEXER-AMPLIFIER
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
Advantech Co., Ltd.
PCLD-788 ADVANTECH-PCLD-788 Datasheet
245Kb / 1P
   16-ch Relay Multiplexer Board
logo
Maxim Integrated Produc...
MAX40662 MAXIM-MAX40662 Datasheet
868Kb / 20P
   Quad Transimpedance Amplifier with Input Current Clamp and Multiplexer for LiDAR
2020
logo
Texas Instruments
SN74CBT3251 TI1-SN74CBT3251_15 Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer and Demultiplexer
logo
Keysight Technologies
N4983A KEYSIGHT-N4983A Datasheet
3Mb / 14P
   N4983A Multiplexer and Demultiplexer
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
   140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
logo
Intersil Corporation
AN1034 INTERSIL-AN1034 Datasheet
169Kb / 3P
   Analog Switch and Multiplexer Applications
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com