Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCL-10137-2 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10137-2
Description  Industrial Wiring Terminal Board With CJC Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10137-2 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10137-2 Datasheet HTML 1Page - Advantech Co., Ltd. PCL-10137-2 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
www.advantech.com/products
Online Download
Industrial Wiring Terminal Board
With CJC Circuit
PCLD-8115
PCLD-8710
Low-cost screw-terminal boards
Onboard CJC (Cold Junction Compensation) circuits for direct thermocouple
measurement.
Reserved space for signal-conditioning circuits such as low-pass filter, voltage
attenuator and current shunt.
Industrial-grade screw-clamp terminal blocks for heavy-duty and reliable
connections.
PCLD-8115 only
Supports PCL-818 series multifunction cards
Nylon standoffs, screws and washers included for easy mounting
Dimensions (W x L): 169 x 112 mm (6.7" x 4.4" )
PCLD-8710 only
Supports PCI-1710/1710L/1710HG/1710HGL/1711/1711L/1716/1716L cards
DIN-rail mounting case for easy mounting
Dimensions (W x L x H): 169 x 112 x 51 mm (6.7" x 4.4" x 2.0")
Applications
Field wiring for analog and digital I/O channels of PC-LabCard™ products.
Signal conditioning circuits can be implemented as illustrated in the following
examples:
a) Straight-through connection (factory setting)
RAn = 0
Ω (short)
RBn = none
Cn = none
b) 1.6 kHz (3 dB) low pass filter
RAn = 10 K
RBn = none
Cn = 0.01
μF
f3dB =
Introduction
The PCLD-8115 screw-terminal board offers convenient and reliable signal wiring for multifunction cards with 20-pin flat cable connectors or DB37 connectors, such as the PCL-818
series cards. PCLD-8710 is designed to match multifunction cards with 68-pin SCSI-II connectors, such as the PCI-1710/1710L/1710HG/1710HGL/1711/1711L/1716/1716L cards.
This screw-terminal board also includes cold junction sensing circuitry that allows direct measurements from thermocouple transducers. Together with software compensation and
linearization, every thermocouple type can be accommodated.
Due to its special PCB layout, you can install passive components to construct your own signal-conditioning circuits. So you can easily construct a low-pass filter, attenuator or
current shunt converter by adding resistors and capacitors onto the board circuit pads.
PCLD-8710
PCLD-8115
c) 10 : 1 voltage attenuator:
RAn = 9 K
RBn = 1 K
Cn = none
Attenuation =
(Assume source impedance << 10 K
Ω)
d) 4 ~ 20 mA to 1 ~ 5 VDC signal converter:
RAn = 0
Ω (short)
RBn = 250
Ω (0.1% precision resistor)
Cn = none
Ordering Information
PCLD-8115
Industrial Wiring Terminal Board with CJC circuit and
DB37 cable assembly
PCLD-8710
Industrial Wiring Terminal Board with CJC circuit for
DIN-rail mounting (cable not included)
PCL-10137-1
DB37 cable assembly, 1 m
PCL-10137-2
DB37 cable assembly, 2 m
PCL-10137-3
DB37 cable assembly, 3 m
PCL-10168-1
68-pin SCSI-II cable with special shielding for noise
reduction, 1 m
PCL-10168-2
68-pin SCSI-II cable with special shielding for noise
reduction, 2 m


Similar Part No. - PCL-10137-2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10137-2 ADVANTECH-PCL-10137-2 Datasheet
535Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input Universal PCI Card with 10-ch Counter/Timer
PCL-10137-2 ADVANTECH-PCL-10137-2 Datasheet
272Kb / 1P
   10 kS/s, 12-bit, 8-ch Multifunction USB Module
PCL-10137-2 ADVANTECH-PCL-10137-2 Datasheet
536Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Card
PCL-10137-2 ADVANTECH-PCL-10137-2 Datasheet
566Kb / 1P
   Screw Terminal Board with Flat Cables
PCL-10137-2 ADVANTECH-PCL-10137-2 Datasheet
537Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input ISA Card
More results

Similar Description - PCL-10137-2

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-1050 ADVANTECH-PCL-1050 Datasheet
262Kb / 1P
   Industrial Wiring Accessories
logo
Tyco Electronics
6061002-1 MACOM-6061002-1 Datasheet
110Kb / 1P
   MCX PRINTED WIRING BOARD JACK RECEPTACLE STRAIGHT TERMINAL
logo
Panasonic Semiconductor
NEAMC5 PANASONIC-NEAMC5 Datasheet
66Kb / 1P
   Printed Wiring Board
Feb. 2006
logo
NHP Electrical Engineer...
1734-TBCJC NHP-1734-TBCJC Datasheet
616Kb / 3P
   POINT I/O TERMINAL BASE W/ TERMINAL BLOCK CJC SCREW
7 June 2023,
logo
Altech corporation
MHE-2512 ALTECH-MHE-2512 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
logo
PHOENIX CONTACT
2924993 PHOENIX-2924993 Datasheet
58Kb / 2P
   Plug - MACX MCR-CJC
logo
NHP Electrical Engineer...
5094-RTB3T NHP-5094-RTB3T Datasheet
404Kb / 1P
   FLEX 5000 RTB CJC SCREW
8 June 2023,
logo
DB Unlimited.
IP432912-3 DBUNLIMITED-IP432912-3 Datasheet
310Kb / 1P
   Updated with Wiring Options
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
PHOENIX CONTACT
2925002 PHOENIX-2925002 Datasheet
44Kb / 2P
   Plug - MACX MCR-EX-CJC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com