Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPHC1902AG1-XXX Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC1902AG1-XXX
Description  PIN HEADERS DUAL BODY SINGLE ROW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC1902AG1-XXX Datasheet(HTML) 1 Page - Dubilier

  DBCPHC1902AG1-XXX Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
177
PIN HEADERS
DUAL BODY SINGLE ROW
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry Compatible
Competitively priced
Various plated contacts available
2.54mm pitch
Various pin lengths available
DBC
PH
C19
Dubilier
Connectors
PinHeader
Connector
Series
No.ofWays
02=2ways
Throto
40=40ways
ContactMaterial
A=Brass
32
A
G
ContactPlating
G=GoldFlash
T=TinPlated
S=Selective
Colour
1=Black
UniqueSpecial
Code
*Seebelow
1
-XXX
*DubilierwillallocateaspecialcodetodistinguishthepinslengthsE,F,HandG
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
A
2.54 * Position No.
B
2.54 * (Position No.-1)


Similar Part No. - DBCPHC1902AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1002AG1 DUBILIER-DBCPHC1002AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1020AG1 DUBILIER-DBCPHC1020AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1030AG1 DUBILIER-DBCPHC1030AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC1040AG1 DUBILIER-DBCPHC1040AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
More results

Similar Description - DBCPHC1902AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC4604AG1-XXX DUBILIER-DBCPHC4604AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC2032AG1-XXX DUBILIER-DBCPHC2032AG1-XXX Datasheet
136Kb / 1P
   PIN HEADERS DUAL BODY DOUBLE ROW
DBCPHC3710AG1 DUBILIER-DBCPHC3710AG1 Datasheet
102Kb / 1P
   PIN HEADERS DUAL BODY DUAL ROW - 2.0MM
DBCPHC1704AG1-XXX DUBILIER-DBCPHC1704AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT
DBCPHC1504AG1-XXX DUBILIER-DBCPHC1504AG1-XXX Datasheet
111Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
DBCPHC2332AG1-XXX DUBILIER-DBCPHC2332AG1-XXX Datasheet
149Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT
DBCPHC3610AG1 DUBILIER-DBCPHC3610AG1 Datasheet
97Kb / 1P
   PIN HEADER DUAL BODY SINGLE ROW - 2.0MM
DBCPHC1104AG1-XXX DUBILIER-DBCPHC1104AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC2904AG1-XXX DUBILIER-DBCPHC2904AG1-XXX Datasheet
112Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 2.00mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com