Electronic Components Datasheet Search |
|
SMV2022-004 Datasheet(PDF) 2 Page - Skyworks Solutions Inc. |
|
SMV2022-004 Datasheet(HTML) 2 Page - Skyworks Solutions Inc. |
2 / 9 page DATA SHEET • SMV2019-SMV2023 VARACTORS Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 2 October 7, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200074H Table 2. SMV2019-SMV2023 Absolute Maximum Ratings Parameter Symbol Minimum Typical Maximum Units Reverse voltage VR 22 V Forward current IF 20 mA Power dissipation PDIS 250 mW Operating temperature TOP –55 +125 C Storage temperature TSTG –55 +150 C Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device. CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times. The SMV2019-SMV2023 series of varactors are Class 0 Human Body Model (HBM) ESD devices. Table 3. SMV2019-SMV2023 Electrical Specifications (Note 1) (Note 2) (TOP = 25 C, Unless Otherwise Noted) CT @ 4 V (pF) CT @ 20 V (pF) CT @ 4 V CT @ 20 V Ratio Q @ 4 V, 50 MHz Part Number Minimum Maximum Minimum Maximum Minimum Typical SMV2019 0.65 0.95 0.26 0.34 2.30 500 SMV2022 2.50 3.30 0.60 0.85 3.00 500 SMV2023 4.40 5.40 0.90 1.20 4.20 500 Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated temperatures may reduce reliability of the device. Note 2: Reverse current, IR (VR = 16 V): 50 nA maximum. Electrical and Mechanical Specifications The absolute maximum ratings of the SMV2019, SMV2022, and SMV2023 series of varactors are provided in Table 2. Electrical specifications are provided in Table 3. The relationship between capacitance and reverse voltage is illustrated in Figures 1 and 2. Table 4 summarizes the capacitance of the SMV2019-SMV2023 series. The SPICE model for the SMV2019-SMV2023 varactor series is shown in Figure 3 and the associated model parameters are provided in Table 5. Package dimensions are provided in Figures 4, 6, and 8, and tape and reel drawings are provided in Figures 5, 7, and 9. Package and Handling Information Instructions on the shipping container label regarding exposure to moisture after the container seal is broken must be followed. Otherwise, problems related to moisture absorption may occur when the part is subjected to high temperature during solder assembly. The SMV2019-SMV2023 varactors are rated to Moisture Sensitivity Level 1 (MSL1) at 260 C. They can be used for lead or lead-free soldering. For additional information, refer to the Skyworks Application Note, Solder Reflow Information, document number 200164 Care must be taken when attaching this product, whether it is done manually or in a production solder reflow environment. Production quantities of this product are shipped in a standard tape and reel format. For packaging details, refer to the Skyworks Application Note Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation, document number 200083. |
Similar Part No. - SMV2022-004 |
|
Similar Description - SMV2022-004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |