Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV2022-000 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV2022-000
Description  Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2022-000 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV2022-000 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2022-000 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2022-000 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2022-000 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2022-000 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 18, 2008 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200138 Rev. D
Data Sheet • SMV2019–SMV2023
2
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
0
1
2
3
4
5
6
7
8
9
10
11
12
05
10
15
20
SMV2019-000
SMV2020-000
SMV2021-000
SMV2022-000
SMV2023-000
Reverse Voltage (V)
series Resistance vs. Voltage @ 1 Ghz
0
1
2
3
4
5
6
08
4121620
SMV2019-000
SMV2020-000
SMV2021-000
SMV2022-000
SMV2023-000
Typical Performance Data
Electrical Specifications at 25 °C
Hermetic Packaged Varactor Diodes
CJ @ 0 V
CJ @ 4 V
CJ @ 20 V
Q @ 4 V
1 Ghz
IR @17.6 V
Contact
Part Number
(pF)(1)
(pF)
(pF)
50 Mhz(2)
Rs @ 4 V (Ω)
(na)(3)
diam. (mils)(4)
typ.
Min.
Max.
Min.
Max.
Min.
typ.
Max.
Nom.
SMV2019-000
2.3
0.68
0.88
0.13
0.23
500
4.8
50
2
SMV2020-000
3.1
1.13
1.43
0.23
0.33
500
4.1
50
2.5
SMV2021-000
4.5
1.58
1.98
0.32
0.44
500
2.8
50
3
SMV2022-000
7.1
2.48
3.08
0.48
0.68
400
2.2
50
3.75
SMV2023-000
10.8
4.28
5.28
0.78
1.08
400
1.4
50
5
1. All capacitance values specified at 1 MHz.
2. 50 MHz Q calculated from 1 GHz RS and 1 MHz CJ.
3. VB at 10 µA specified at 22 V Min.
4. Outline drawing 149-801.
stripline
240
hermetic Pill
203
stripline
219
Coaxial
210
SMV2019-240
SMV2019-203
SMV2019-219
SMV2019-210
SMV2020-240
SMV2020-203
SMV2020-219
SMV2020-210
SMV2021-240
SMV2021-203
SMV2021-219
SMV2021-210
SMV2022-240
SMV2022-203
SMV2022-219
SMV2022-210
SMV2023-240
SMV2023-203
SMV2023-219
SMV2023-210


Similar Part No. - SMV2022-000

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV2022-000 ALPHA-SMV2022-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
More results

Similar Description - SMV2022-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA SKYWORKS-CLA Datasheet
177Kb / 12P
   Silicon Limiter Diodes, Packaged and Bondable Chips
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com