Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA4607-000 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # CLA4607-000
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4607-000 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button CLA4607-000 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 9Page - Skyworks Solutions Inc. CLA4607-000 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
September 28, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100I
Ground
Plane
Solder or
Epoxy Die Bond
Microstrip Board
TFG 0.006 in. Thick, Typical
0.020 in.
Typ.
0.001 in. Gold Wire
Bond, Typical
50
Ω
Connector
Figure 6. Diodes in 50
Ω Microstrip Circuit (Side View)
Diode, Typical
TFG Board
50
Ω
Conductor
0.022 in., Typical
Ground
Return
X1
X2
Figure 7. Diodes in 50
Ω Microstrip Circuit (Top View)
50
Ω
50
Ω
Coil for Ground Return
X1
X2
CJ
RR
CJ
RP
CJ
RP
Figure 8. Low-Level Equivalent Circuit


Similar Part No. - CLA4607-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4607-000 SKYWORKS-CLA4607-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
CLA4607-000 SKYWORKS-CLA4607-000 Datasheet
453Kb / 9P
   Established Skyworks limiter diode process
More results

Similar Description - CLA4607-000

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com