Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATN3590-02 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # ATN3590-02
Description  Fixed Attenuators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ATN3590-02 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  ATN3590-02 Datasheet HTML 1Page - Skyworks Solutions Inc. ATN3590-02 Datasheet HTML 2Page - Skyworks Solutions Inc. ATN3590-02 Datasheet HTML 3Page - Skyworks Solutions Inc. ATN3590-02 Datasheet HTML 4Page - Skyworks Solutions Inc. ATN3590-02 Datasheet HTML 5Page - Skyworks Solutions Inc. ATN3590-02 Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200842B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 2, 2009
1
DATA SHEET
ATN3590 Series: Fixed Attenuators
Applications
Level adjustment in radios, radars, EW/ECM equipment, and
test instruments
Features
Fixed value, absorptive devices
Available attenuation values range from 0 to 10 dB (in 1 dB
steps), and 12, 15, 20, and 30 dB
Suitable for use to 40 GHz or higher
Excellent return loss: 30 dB, typical
Enhanced power handling: 2 W
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances) compliant packaging.
Back Side
Back Side
Out
In
Schematic
Figure 1. Typical Attenuator Die and Circuit
Description
The ATN3590 family of fixed resistive attenuators are integrated
circuits comprising thin film resistors and through-die vias that
provide excellent attenuation flatness from low frequency to
40 GHz or higher. These attenuators are available from 0 to 30 dB
(see Table 2).
The ATN3590 attenuator family is optimized for surface mounting
on co-planar waveguide or microstrip printed circuit boards. Bond
wires or ribbons are used to connect the input and output ports of
the attenuators to the external circuit transmission lines.
Connection to ground is accomplished by through-die vias to the
die backside metallization.
The dice are attached using eutectic solder or conductive epoxy
and can operate over a temperature range of –65 C to 150 C.
The absolute maximum ratings for the ATN3590 attenuators are
provided in Table 1 and the electrical specifications are shown in
Table 2. Typical performance characteristics are illustrated in
Figures 2 through 8.


Similar Part No. - ATN3590-02

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590-02 SKYWORKS-ATN3590-02 Datasheet
1Mb / 7P
   Fixed Attenuators
More results

Similar Description - ATN3590-02

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
   FIXED ATTENUATORS
K1-VAT2 MINI-K1-VAT2 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com