Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA4605-240 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # CLA4605-240
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4605-240 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  CLA4605-240 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4605-240 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200100I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 28, 2009
1
DATA SHEET
CLA Series: Silicon Limiter Diodes, Packaged and Bondable
Chips
Applications
Limiters
Features
Established Skyworks limiter diode process
High power, mid-range, and cleanup designs
Low insertion loss: 0.1 dB @ 10 GHz
Power handling to +66 dBm
Tight control of I layer base width
Mesa and planar chip designs
Description
Skyworks CLA series of silicon limiter diodes provides passive
receiver protection over a wide range of frequencies from
100 MHz to over 30 GHz. These devices use Skyworks well-
established silicon technology resulting in high resistivity and
tightly controlled base width PIN limiter diodes. Limiter circuits
using these devices perform with strong limiting action and low
loss.
The CLA series consists of nine individual chip designs of different
intrinsic region base widths and capacitances designed to
accommodate multi-stage limiter applications. The mesa-
constructed, thin base width, low capacitance CLA4601-000,
CLA4602-000, CLA4604-000, and CLA4605-000 are designed for
low-level and cleanup applications. The CLA4603-000 and
CLA4606-000 through CLA4608-000 are planar designs
designated for high-power and mid-range applications.
The CLA4609-000 thick base width mesa diode is designed for
coarse limiter-stage applications.
The absolute maximum ratings of the CLA diode series are
provided in Table 1. Electrical specifications are specified in
Table 2. Typical performance characteristics are provided in
Table 3 and Figures 1 through 5. Table 4 identifies the die part
numbers with their corresponding top contact diameters and die
outline drawings. Table 5 identifies the hermetic part numbers
together with their thermal resistance specifications and hermetic
outline drawings.


Similar Part No. - CLA4605-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4605-240 SKYWORKS-CLA4605-240 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4605-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com