Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA4606-240 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CLA4606-240
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4606-240 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CLA4606-240 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4606-240 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200100I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 28, 2009
3
Table 3. Typical Performance @ 25
°C
Part Number
Insertion Loss
@ –10 dBm
(dB)
Input Power for
1 dB Loss
(dBm)
Maximum Pulsed
Input Power
(dBm)
Output @ Maximum
Pulsed Input
(dBm)
Maximum CW
Input power
(W)
Recovery Time
(ns)
CLA4601-000
0.1
7
47
21
2
5
CLA4602-000
0.1
7
50
24
3
5
CLA4603-000
0.1
10
50
22
2
10
CLA4604-000
0.1
12
47
24
3
10
CLA4605-000
0.1
12
50
27
4
10
CLA4606-000
0.1
15
53
27
3
20
CLA4607-000
0.1
20
60
39
6
50
CLA4608-000
0.2
20
66
44
15
100
CLA4609-000
0.3
38
70
50
20
1000
Notes:
Insertion loss for CLA4601-000 through CLA4607-000 @ 10 GHz. Insertion loss for CLA4608-000 @ 5 GHz. Insertion loss for CLA4609-000 @ 2.1 GHz.
Limiter power results @ 1 GHz for shunt connected, single limiter diode and DC return in 50
Ω line.
Maximum pulsed power for 1 μs pulse and 0.1% duty factor with chip @ 25 °C heat sink. Derate linearly to 0 W @ 175 °C.
Maximum CW input power @ 25 °C heat sink. Derate linearly to 0 W @ 175 °C.
Recovery time to insertion loss from limiting state.
Table 4. CLA Series Parts – Die Packages
Part Number
Typical Top Contact Diameter (mils/mm)
Die Drawing
CLA4601-000
1.10/0.028
150-806
CLA4602-000
1.25/0.032
150-806
CLA4603-000
2.00/0.050
149-815
CLA4604-000
1.65/0.042
150-806
CLA4605-000
2.05/0.052
150-813
CLA4606-000
2.25/0.057
149-815
CLA4607-000
3.50/0.089
149-815
CLA4608-000
7.50/0.190
149-815
CLA4609-000
6.50/0.165
150-813
Table 5. Hermetic Packages
Hermetic Stripline
Drawing
Typical
θJC
(
°C/W)
Hermetic Pill
Drawing
Typical
θJC
(
°C/W)
Hermetic Pill
Drawing
Typical
θJC
(
°C/W)
Hermetic Pill
Drawing
Typical
θJC
(
°C/W)
CLA4601-240
200
CLA4601-203
150
CLA4601-219
200
CLA4601-210
140
CLA4602-240
160
CLA4602-203
110
CLA4602-219
160
CLA4602-210
100
CLA4603-240
180
CLA4603-203
130
CLA4603-219
180
CLA4603-210
120
CLA4604-240
160
CLA4604-203
130
CLA4604-219
180
CLA4604-210
120
CLA4605-240
150
CLA4605-203
100
CLA4605-219
150
CLA4605-210
90
CLA4606-240
160
CLA4606-203
110
CLA4606-219
160
CLA4606-210
100
CLA4607-240
120
CLA4607-203
70
CLA4607-219
120
CLA4607-210
60
CLA4608-240
100
CLA4608-203
45
CLA4608-219
100
CLA4608-210
35
CLA4609-240
100
CLA4609-203
45
CLA4609-219
100
CLA4609-210
35


Similar Part No. - CLA4606-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4606-240 SKYWORKS-CLA4606-240 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4606-240

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com