Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLA4607-203 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # CLA4607-203
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4607-203 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button CLA4607-203 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 9Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 10Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 11Page - Skyworks Solutions Inc. CLA4607-203 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
September 28, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100I
Package Outline Drawings
Package outline die drawings for the CLA diode series are shown
in Figures 12, 13, and 14. Hermetic package outlines are shown
in Figures 15 through 18.
Die Packages
0.014 ± 0.001
(0.325 ± 0.025 mm)
0.014 ± 0.001
(0.325 ± 0.025 mm)
Cathode Metallized Back
Contact, Gold
Anode
Top Contact, Gold
0.002 (0.050 mm)
Dia. Min.
0.004 (0.010 mm)
0.006 (0.015 mm) Nom.
Schematic
S1565
1
2
1
2
Figure 12. 149-815 Package
Anode
Metallized
Gold Dot
Silicon
Cathode Metallized Back
Contact: Gold
0.004 (0.127 mm) Min.
0.006 (0.152 mm) Max.
0.010 (0.251 mm) Min.
0.014 (0.356 mm) Max. Sq.
150-801:
0.002 (0.051 mm) Min.
S1567
Schematic
1
2
1
2
150-806:
0.0011 (0.028 mm) Nom.
Figure 13. 150 Series Package


Similar Part No. - CLA4607-203

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4607-203 SKYWORKS-CLA4607-203 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4607-203

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com