Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TW17-D390 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # TW17-D390
Description  900 MHz Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D390 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  TW17-D390 Datasheet HTML 1Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 2Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 3Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 4Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 5Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D390 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY DATA SHEET • SKY65329-NP TRANSMIT/RECEIVE FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
March 4, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200995A
PWR_DOWN
FLT4_O
GND
RFIO
GND
FLT1_I
GND
FLT1_O
GND
GND
ANT
GND
FLT3_I
FLT4_I
GND
FLT3_O
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
S1337
Figure 2. SKY65329-NP Pinout – 28-Pin MCM
(Top View)
Table 1. SKY65329-NP Control Logic
Logic Input Control Bits
States
Configuration
CTRL1
CTRL2
PWR_DOWN
PA
LNA
VDD Output
Auxiliary power
0
0
0
Off
Off
On
900 MHz receive
0
1
0
Off
On
Off
900 MHz transmit
1
0
0
On
Off
Off
Auxiliary RF bypass
1
1
0
Off
Off
Off
Power down
X
X
1
Off
Off
Off
Note:
Logic level 0: 0 V to 0.3 V
Logic level 1: 2.5 V to VCC.
Technical Description
The SKY65329-NP provides input and output amplifier stages and
is internally matched for optimum efficiency. An active bias circuit
provides both input and output stages with excellent gain tracking
over temperature and voltage variations. The module operates
with positive DC voltages, and maintains high efficiency and good
linearity. The nominal operating voltage is 3.6 V for maximum
power, but the device can be operated at slightly lower voltages
for other mobile applications.
Operational Modes
By using three control signals (CTRL1, CTRL2, and PWR_DOWN),
the module can be configured to one of five operational modes:
Auxiliary power. In this mode, the PA and LNA are off and the
VDD_OUT signal (pin 26) can be used for auxiliary power, which
can supply up to 10 mA of VDD power to external circuitry.
900 MHz receive. In this mode, the SKY65329-NP amplifies the
received signal at the antenna port through the LNA.
900 MHz transmit. In this mode, the transmit path provides an
harmonic filter and high efficiency PA.
Auxiliary RF bypass. In this mode, a low-loss broadband
bidirectional RF path allows easy switching of the signal between
the transceiver and the antenna port.
Power down. In this mode, the PA and LNA are powered down
for minimal current consumption and low leakage current (5
μA).
Table 1 provides the control logic for each of the five operational
modes.


Similar Part No. - TW17-D390

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D315-003 SKYWORKS-TW17-D315-003 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
TW17-D335-007 SKYWORKS-TW17-D335-007 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
More results

Similar Description - TW17-D390

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65362-11 SKYWORKS-SKY65362-11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End Module
logo
Analog Devices
ADF9010 AD-ADF9010 Datasheet
481Kb / 28P
   900 MHz ISM Band Analog RF Front End
REV. 0
ADF9010 AD-ADF9010_17 Datasheet
400Kb / 29P
   900 MHz ISM Band Analog RF Front End
logo
NXP Semiconductors
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
Skyworks Solutions Inc.
SKY65362 SKYWORKS-SKY65362_11 Datasheet
473Kb / 13P
   900 to 930 MHz High-Power RF Front-End
SKY65342-11 SKYWORKS-SKY65342-11 Datasheet
305Kb / 13P
   450-470 MHz Front-End Module
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com