Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY77546 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77546
Description  Tx - Rx Front-End Module for Dual-Band GSM / GPRS / EDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77546 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77546 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77546 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201052B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice. • July 2, 2009
1
PRODUCT SUMMARY
SKY77546 Tx–Rx Front-End Module for Dual-Band
GSM / GPRS / EDGE
Applications
• Dual-band cellular handsets
encompassing
- Class 4 GSM900
- DCS1800
- Class 12 GPRS multi-slot
operation
- Linear EDGE operation
Features
• High efficiency
45% (GSM900)
40% (DCS1800)
• Current limiting for
protection and extended
battery life
• Input/Output internally
matched 50
Ω
• TX–VCO-to-antenna and
antenna-to-RX-SAW filter
RF interface
• TX harmonics below
–36 dBm
• Small, low profile package
- 7 mm x 6 mm x 0.9 mm
- 30-pad configuration
• Low APC current: 15 μA
Description
The SKY77546 is a transmit and receive Front-End Module (FEM) designed in a compact form factor
for dual-band cellular handsets comprising GSM900 and DCS1800 operation. The SKY77546 offers a
complete Transmit VCO-to-Antenna and Antenna-to-Receive SAW filter solution that supports Class
12 General Packet Radio Service (GPRS) multi-slot operation and EDGE operation for handsets and
modules.
The module consists of a GSM900 PA block and a DCS1800 PA block, impedance-matching circuitry
for 50
Ω input and output impedances, TX harmonics filtering, high linearity and low insertion loss RF
switches, and a Power Amplifier Control (PAC) block. A custom CMOS integrated circuit provides the
internal PAC function, external interface circuitry, and decoder circuitry to control the RF switches.
The integrated PAC function provides envelope amplitude control by reducing sensitivity to input drive,
temperature, power supply, and process variations. The Heterojunction Bipolar Transistor (HBT) PA
blocks are fabricated onto a single InGaP/GaAs die. One PA block supports the GSM900 band and the
other PA block supports the DCS1800 band. Both PA blocks share common power supply pads to
distribute current. The output of each PA block and the outputs to the two receive pads are connected
to the antenna pad through a diplexer and SP2T switch. The GaAs die, switch die, Silicon (Si) die, and
passive components are mounted on a multi-layer laminate substrate. The assembly is encapsulated
with plastic overmold.
Band selection and control of transmit and receive RF signal flows are performed using five external
control pads. The band select pad (BS) selects GSM or DCS modes of operation. The TxEN pad selects
receive or transmit mode of the respective RF switch (Tx = logic 1). SW_EN provides improved
isolation for flexibility in control timing to meet the required time mask. MODE configures the
amplifier for GMSK operation (MODE = 0) or linear EDGE operation (MODE = 1). Proper timing of the
logic on these pads, and Analog Power Control (APC) allows for high isolation between the antenna
and Tx-VCO while the VCO is being tuned prior to the transmit burst. Standby mode provides a low-
current consumption state. Low leakage current (6.5 μA, typical) of the dual PA module maximizes
handset standby time.
Figure 1. Functional Block Diagram


Similar Part No. - SKY77546

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
   Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
SKY77543 SKYWORKS-SKY77543 Datasheet
82Kb / 2P
   Tx - Rx iPAC FEM for Dual-Band GSM / GPRS (824 - 849 MHz), (1850 - 1910 MHz)
SKY77544 SKYWORKS-SKY77544 Datasheet
116Kb / 2P
   Wideband envelope control path
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
More results

Similar Description - SKY77546

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77548 SKYWORKS-SKY77548 Datasheet
79Kb / 2P
   Tx-Rx iPAC??Front-End Module for Dual-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77573-21 SKYWORKS-SKY77573-21 Datasheet
84Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM/ GPRS/ EDGE with 4-Band Antenna Switch Support
SKY77573-12 SKYWORKS-SKY77573-12 Datasheet
81Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM/ GPRS/ EDGE with 4-Band Antenna Switch Support
SKY77576-11 SKYWORKS-SKY77576-11 Datasheet
85Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM / GPRS with 4-Band Antenna Switch Support
SKY77528 SKYWORKS-SKY77528 Datasheet
79Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77529 SKYWORKS-SKY77529 Datasheet
81Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77529 SKYWORKS-SKY77529_10 Datasheet
83Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77527-21 SKYWORKS-SKY77527-21 Datasheet
79Kb / 2P
   Tx Front-End Module for Quad-Band GSM / EDGE
SKY77570-12 SKYWORKS-SKY77570-12 Datasheet
82Kb / 2P
   Tx-Rx Front-End Module for Quad-Band GSM /GPRS / EDGE and TD-SCDMA with 6-Band Antenna Switch Support
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com