Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13321-360LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY13321-360LF
Description  0.1-3.0 GHz GaAs SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13321-360LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13321-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13321-360LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET • SKY13321-360LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 31, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201072C
Table 1. SKY13321-360LF Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
J1
RF port
5
V2
DC control voltage
2
GND
Ground
6
GND
Ground
3
GND
Ground
7
RFC
RF port
4
J2
RF port
8
V1
DC control voltage
Table 2. SKY13321-360LF Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input power
@ 900 MHz, 5 V
@ 130 MHz, 5 V
PIN
+40
+39
dBm
dBm
Storage temperature
TSTG
–65
+150
C
Operating temperature
TOP
–40
+85
C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY13321-360LF Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Frequency
f
0.1
3.0
GHz
Control voltage:
low
high
VCTL_L
VCTL_H
0
1.8
0.2
5.0
V
V
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13321-360LF are
provided in Table 2. The recommended operating conditions are
specified in Table 3 and electrical specifications are provided in
Table 4.
Typical performance characteristics of the SKY13321-360LF are
illustrated in Figures 3 through 8.
The state of the SKY13321-360LF is determined by the logic
provided in Table 5.


Similar Part No. - SKY13321-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
851Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF-EVB SKYWORKS-SKY13322-375LF-EVB Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
SKY13322-375LF SKYWORKS-SKY13322-375LF_10 Datasheet
802Kb / 9P
   0.1-6.0 GHz GaAs SP4T Switch
More results

Similar Description - SKY13321-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13319-374LF SKYWORKS-SKY13319-374LF Datasheet
149Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13323-378LF SKYWORKS-SKY13323-378LF Datasheet
178Kb / 9P
   0.1-3.0 GHz GaAs SPDT Switch
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
   GaAs 0.5-3.0 GHz SPDT Switch
logo
Tyco Electronics
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-485 MA-COM-SW-485 Datasheet
116Kb / 3P
   GaAs SPDT Switch 0.05 - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
   GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com